Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D33R Datasheet(PDF) 31 Page - STMicroelectronics

Part # LDL112D33R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D33R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LDL112D33R Datasheet HTML 24Page - STMicroelectronics LDL112D33R Datasheet HTML 25Page - STMicroelectronics LDL112D33R Datasheet HTML 26Page - STMicroelectronics LDL112D33R Datasheet HTML 27Page - STMicroelectronics LDL112D33R Datasheet HTML 28Page - STMicroelectronics LDL112D33R Datasheet HTML 29Page - STMicroelectronics LDL112D33R Datasheet HTML 30Page - STMicroelectronics LDL112D33R Datasheet HTML 31Page - STMicroelectronics LDL112D33R Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
LDL112
Revision history
DocID026319 Rev 2
31/32
10
Revision history
Table 15: Document revision history
Date
Revision
Changes
21-Nov-2014
1
Initial release.
28-Oct-2016
2
Updated Figure 31: "DFN6 (2x2) package outline".
Modified Table 14: "Order codes".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com