Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220PU-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDK220PU-R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220PU-R Datasheet(HTML) 1 Page - STMicroelectronics

  LDK220PU-R Datasheet HTML 1Page - STMicroelectronics LDK220PU-R Datasheet HTML 2Page - STMicroelectronics LDK220PU-R Datasheet HTML 3Page - STMicroelectronics LDK220PU-R Datasheet HTML 4Page - STMicroelectronics LDK220PU-R Datasheet HTML 5Page - STMicroelectronics LDK220PU-R Datasheet HTML 6Page - STMicroelectronics LDK220PU-R Datasheet HTML 7Page - STMicroelectronics LDK220PU-R Datasheet HTML 8Page - STMicroelectronics LDK220PU-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
October 2016
DocID026015 Rev 4
1/28
This is information on a product in full production.
www.st.com
LDK220
200 mA low quiescent current and low noise LDO
Datasheet - production data
Features
Input voltage from 2.5 to 13.2 V
Very low-dropout voltage (100 mV typ. @
100 mA load)
Low quiescent current (typ. 55 µA, 1 µA in
off mode)
Low noise
Output voltage tolerance: ± 2.0% @ 25 °C
200 mA guaranteed output current
Wide range of output voltages available on
request: fixed from 1.2 V to 12 V with
100 mV step and adjustable
Logic-controlled electronic shutdown
Compatible with ceramic capacitor
COUT = 1 µF
Internal current and thermal limit
Available in SOT23-5L, SOT323-5L, SOT-89
and DFN6-1.2x1.3 packages
Temperature range: -40 °C to 125 °C
Applications
Battery-powered equipment
TV
Set-top box
PC and laptop
Industrial
Description
The LDK220 is a low drop voltage regulator,
which provides a maximum output current of
200 mA from an input voltage in the range of
2.5 V to 13.2 V, with a typical dropout voltage of
100 mV.
A ceramic capacitor stabilizes it on the output.
The very low drop voltage, low quiescent current
and low noise make it suitable for battery-
powered applications.
The enable logic control function puts the
LDK220 in shutdown mode allowing a total
current consumption lower than 1 µA.
The device also includes a short-circuit constant
current limiting and thermal protection.


Similar Part No. - LDK220PU-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results

Similar Description - LDK220PU-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
200 mA ultra-low quiescent current LDO
Jun-2019
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com