Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031C4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L031C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L031C4 Datasheet HTML 7Page - STMicroelectronics STM32L031C4 Datasheet HTML 8Page - STMicroelectronics STM32L031C4 Datasheet HTML 9Page - STMicroelectronics STM32L031C4 Datasheet HTML 10Page - STMicroelectronics STM32L031C4 Datasheet HTML 11Page - STMicroelectronics STM32L031C4 Datasheet HTML 12Page - STMicroelectronics STM32L031C4 Datasheet HTML 13Page - STMicroelectronics STM32L031C4 Datasheet HTML 14Page - STMicroelectronics STM32L031C4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
2.1
Device overview
Table 2. Ultra-low-power STM32L031x4/x6 device features and peripheral counts
Peripheral
STM32
L031F4
STM32
L031E4
STM32
L031G4
STM32
L031K4
STM32
L031C4
STM32
L031F6
STM32
L031E6
STM32
L031G6
STM32
L031K6
STM32
L031C6
Flash (Kbytes)
16
32
Data EEPROM (Kbytes)
1
RAM (Kbytes)
8
Timers
General-
purpose
3
LPTIMER
1
RTC/SYSTICK/IWDG/
WWDG
1/1/1/1
Communicati
on interfaces
SPI
2(1)(1)
I2C
1
USART
1
LPUART
1
GPIOs
15
20
21(23)(3)
27(2)
38
15
20
21(23)(3)
27(2)
38
Clocks:
HSE(4)/LSE/HSI/MSI/LSI
1/1/1/1/1
12-bit synchronized ADC
Number of channels
1
10
Comparators
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com