Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031C4 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32L031C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32L031C4 Datasheet HTML 39Page - STMicroelectronics STM32L031C4 Datasheet HTML 40Page - STMicroelectronics STM32L031C4 Datasheet HTML 41Page - STMicroelectronics STM32L031C4 Datasheet HTML 42Page - STMicroelectronics STM32L031C4 Datasheet HTML 43Page - STMicroelectronics STM32L031C4 Datasheet HTML 44Page - STMicroelectronics STM32L031C4 Datasheet HTML 45Page - STMicroelectronics STM32L031C4 Datasheet HTML 46Page - STMicroelectronics STM32L031C4 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
DocID027063 Rev 4
43/118
STM32L031x4/6
Pin descriptions
45
1
A5
27
1
31
31
44
BOOT0
I
-
-
-
-
-
-
-
-
-
32
45
PB8
I/O
FTf
-
I2C1_SCL
-
-
-
-
---
46
PB9
I/O
FTf
-
EVENTOUT,
I2C1_SDA
-
-
-
28
-
32
-
47
VSS
S
-
-
-
-
--
1
-
1
1
48
VDD
S
-
-
-
-
1. WLCSP25 package is in development. Its ballout is subject to change.
2. VSS pins are connected to the exposed pad (see Figure 40: UFQFPN32, 5 x 5 mm, 32-pin package outline).
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Note
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com