Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L052C6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L052C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052C6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L052C6 Datasheet HTML 1Page - STMicroelectronics STM32L052C6 Datasheet HTML 2Page - STMicroelectronics STM32L052C6 Datasheet HTML 3Page - STMicroelectronics STM32L052C6 Datasheet HTML 4Page - STMicroelectronics STM32L052C6 Datasheet HTML 5Page - STMicroelectronics STM32L052C6 Datasheet HTML 6Page - STMicroelectronics STM32L052C6 Datasheet HTML 7Page - STMicroelectronics STM32L052C6 Datasheet HTML 8Page - STMicroelectronics STM32L052C6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
This is information on a product in full production.
March 2016
DocID025936 Rev 6
1/136
STM32L052x6 STM32L052x8
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M0+, up to 64 KB
Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
Datasheet
- production data
Features
 Ultra-low-power platform
– 1.65 V to 3.6 V power supply
–
-40 to 125 °C temperature range
– 0.27 µA Standby mode (2 wakeup pins)
– 0.4 µA Stop mode (16 wakeup lines)
– 0.8 µA Stop mode + RTC + 8 KB RAM retention
– 88 µA/MHz in Run mode
– 3.5 µs wakeup time (from RAM)
– 5 µs wakeup time (from Flash memory)
 Core: ARM® 32-bit Cortex®-M0+ with MPU
– From 32 kHz up to 32 MHz max.
– 0.95 DMIPS/MHz
 Reset and supply management
– Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
 Clock sources
– 1 to 25 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High speed internal 16 MHz factory-trimmed RC
(+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– Internal self calibration of 48 MHz RC for USB
– PLL for CPU clock
 Pre-programmed bootloader
– USART, SPI supported
 Development support
– Serial wire debug supported
 Up to 51 fast I/Os (45 I/Os 5V tolerant)
 Memories
– Up to 64 KB Flash memory with ECC
–8KB RAM
– 2 KB of data EEPROM with ECC
– 20-byte backup register
– Sector protection against R/W operation
 Rich Analog peripherals
– 12-bit ADC 1.14 Msps up to 16 channels (down
to 1.65 V)
– 12-bit 1 channel DAC with output buffers (down
to 1.8 V)
– 2x ultra-low-power comparators (window mode
and wake up capability, down to 1.65 V)
 Up to 24 capacitive sensing channels supporting
touchkey, linear and rotary touch sensors
 7-channel DMA controller, supporting ADC, SPI,
I2C, USART, DAC, Timers
 8x peripheral communication interfaces
– 1x USB 2.0 crystal-less, battery charging
detection and LPM
– 2x USART (ISO 7816, IrDA), 1x UART (low
power)
– Up to 4x SPI 16 Mbits/s
– 2x I2C (SMBus/PMBus)
 9x timers: 1x 16-bit with up to 4 channels, 2x 16-bit
with up to 2 channels, 1x 16-bit ultra-low-power
timer, 1x SysTick, 1x RTC, 1x 16-bit basic for DAC,
and 2x watchdogs (independent/window)
 CRC calculation unit, 96-bit unique ID
 True RNG and firewall protection
 All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32L052x6
STM32L052C6,
STM32L052K6,
STM32L052R6,
STM32L052T6
STM32L052x8
STM32L052C8,
STM32L052K8,
STM32L052R8,
STM32L052T8
UFQFPN32
5x5 mm
LQFP32 7x7 mm
LQFP48 7x7 mm
LQFP64 10x10 mm
WLCSP36
TFBGA64
5x5mm
www.st.com


Similar Part No. - STM32L052C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L051C6 STMICROELECTRONICS-STM32L051C6 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
STM32L051C6 STMICROELECTRONICS-STM32L051C6 Datasheet
1Mb / 133P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
STM32L051C8 STMICROELECTRONICS-STM32L051C8 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
STM32L051C8 STMICROELECTRONICS-STM32L051C8 Datasheet
1Mb / 133P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
STM32L051K6 STMICROELECTRONICS-STM32L051K6 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
More results

Similar Description - STM32L052C6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC11U6X NXP-LPC11U6X Datasheet
2Mb / 97P
32-bit ARM Cortex-M0 microcontroller; up to 256 KB flash and 36 KB SRAM; 4 KB EEPROM; USB; 12-bit ADC
Rev. 1.5-12 August 2020
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com