Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L052C6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L052C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052C6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L052C6 Datasheet HTML 8Page - STMicroelectronics STM32L052C6 Datasheet HTML 9Page - STMicroelectronics STM32L052C6 Datasheet HTML 10Page - STMicroelectronics STM32L052C6 Datasheet HTML 11Page - STMicroelectronics STM32L052C6 Datasheet HTML 12Page - STMicroelectronics STM32L052C6 Datasheet HTML 13Page - STMicroelectronics STM32L052C6 Datasheet HTML 14Page - STMicroelectronics STM32L052C6 Datasheet HTML 15Page - STMicroelectronics STM32L052C6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
Description
STM32L052x6 STM32L052x8
12/136
DocID025936 Rev 6
Operating temperatures
Ambient temperature: –40 to +125 °C
Junction temperature: –40 to +130 °C
Packages
WLCSP
36
LQFP32,
UFQFPN
32
LQFP48
LQFP64
TFBGA
64
WLCSP
36
LQFP32,
UFQFPN
32
LQFP48
LQFP64
TFBGA
64
1. 2 SPI interfaces are USARTs operating in SPI master mode.
2. LQFP32 has two GPIOs, less than UFQFPN32 (27).
3. TFBGA64 has one GPIO, one ADC input and one capacitive sensing channel less than LQFP64.
Table 2. Ultra-low-power STM32L052x6/x8 device features and peripheral counts (continued)
Peripheral
STM32L
052T6
STM32
L052K6
STM32
L052C6
STM32
L052R6
STM32L
052T8
STM32
L052K8
STM32
L052C8
STM32
L052R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com