Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH31AC06SPF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH31AC06SPF
Description  Turbo 2 ultrasoft high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH31AC06SPF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH31AC06SPF Datasheet HTML 2Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 3Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 4Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 5Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 6Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 7Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 8Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 9Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STTH31AC06S
6/10
DocID026969 Rev 2
Table 6. TO-247 LL package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ
Max.
A
4.90
5.15
0.192
0.202
D
1.85
2.10
0.072
0.082
E
0.55
0.67
0.021
0.026
F
1.07
1.32
0.042
0.051
F1
1.90
2.38
0.074
0.093
F2
2.87
3.38
0.11
0.133
G
10.90 BSC
0.429 BSC
H
15.77
16.02
0.62
0.63
L
20.82
21.07
0.81
0.82
L1
4.16
4.47
0.163
0.175
L2
5.49
5.74
0.216
0.225
L3
20.05
20.30
0.789
0.799
L4
3.68
3.93
0.144
0.154
L5
6.04
6.29
0.237
0.247
M
2.25
2.55
0.088
0.10
V
10°
10°
V1
3°
3°
V3
20°
20°
3.55
3.66
0.139
0.143



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com