Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH31AC06SPF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH31AC06SPF
Description  Turbo 2 ultrasoft high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH31AC06SPF Datasheet(HTML) 2 Page - STMicroelectronics

  STTH31AC06SPF Datasheet HTML 1Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 2Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 3Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 4Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 5Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 6Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 7Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 8Page - STMicroelectronics STTH31AC06SPF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH31AC06S
2/10
DocID026969 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.24 x IF(AV) + 0.017 IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
Forward rms current
45
A
IF(AV)
Average forward current
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
150
A
Tstg
Storage temperature range
-40 to +175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-247 LL
1.25
°C/W
TO-3PF
2.9
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
10
µA
Tj = 150 °C
20
200
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 30 A
1.55
2.00
V
Tj = 150 °C
1.35
1.75
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com