Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3040CTD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF3040CTD
Description  30 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF3040CTD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBRF3040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF3040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF3040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR
F3040CTD~MBRF30200CTD
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
• Case:
ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
ITO-220AB
VOLTAGE
40 to 200 Volts
CURRENT
30 Amperes
Apr,2014-REV.01
PAGE . 1
PARAMETER
SYMBOL
M B R F
3 0 4 0 C T D 3 0 4 5 C T D 3 0 5 0 C T D 3 0 6 0 C T D 3 0 8 0 C T D 3 0 9 0 C T D 3 0 1 0 0 C T D 3 0 1 5 0 C T D 3 0 2 0 0 C T D UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
RMS
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
DC
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current
I
F(AV)
30
A
Peak Forward Surge Current:8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
I
FSM
2 0 0
A
Maximum Forward Voltage at 15A per leg
V
F
0.7
0 .8
0 .85
0 . 92
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
0.05
20
mA
Typical Thermal Resistance
R
θ
JC
1.4
O
C / W
Operating Junction and Storage Temperature
Range
T
J,TSTG
O
C
-5 5 to + 1 5 0
- 5 5 t o + 1 7 5
M B R F
M B R F
M B R F
M B R F
M B R F
M B R F
M B R F
M B R F
www.
dyelec.com


Similar Part No. - MBRF3040CTD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBRF3040CT LUGUANG-MBRF3040CT Datasheet
265Kb / 2P
Schottky Barrier Rectifiers
logo
Tiger Electronic Co.,Lt...
MBRF3040CT TGS-MBRF3040CT Datasheet
449Kb / 2P
TO-220F Plastic-Encapsulate Diodes
logo
Sangdest Microelectroni...
MBRF3040CT SMC-MBRF3040CT Datasheet
120Kb / 7P
SCHOTTKY RECTIFIER
logo
Microdiode Semiconducto...
MBRF3040CT CHENDA-MBRF3040CT Datasheet
588Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
MBRF3040CT DSK-MBRF3040CT Datasheet
327Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF3040CTD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR3020PT PANJIT-MBR3020PT Datasheet
41Kb / 2P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
DIYI Electronic Technol...
MBR3040CGD DYELEC-MBR3040CGD Datasheet
893Kb / 3P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR3040CKD DYELEC-MBR3040CKD Datasheet
748Kb / 3P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR3040CTD DYELEC-MBR3040CTD Datasheet
742Kb / 3P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3045 PANJIT-MBR3045_16 Datasheet
134Kb / 4P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBR3040CGD LUGUANG-MBR3040CGD Datasheet
1Mb / 2P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF30150AT SKTECHNOLGY-MBRF30150AT Datasheet
552Kb / 3P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com