Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3040CTD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF3040CTD
Description  30 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF3040CTD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBRF3040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF3040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF3040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR
F3040CTD~MBRF30200CTD
RATING AND CHARACTERISTIC CURVES
PAGE . 2
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60Hz
200
175
150
125
100
75
50
25
0
1
2
5
10
20
50
100
250
225
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
10
1.0
0.1
0.01
.001
20
0
4 0
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
TC=125 C
O
O
TC=75 C
O
TC=25 C
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0 .1
40-45V
50-60V
80-100V
150-200V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
O
LEAD TEMPERATURE, C
50
40
20
0
10
30
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
20
40
60
80
100
120
140
160
180
= 40-100V
=150-200V
RESISTIVE OR
INDUCTIVE LOAD
Apr,2014-REV.01
www.
dyelec.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com