Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF20100CT
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF20100CT Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBRF20100CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF20100CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF20100CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR
F20100CT
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Case:
ITO-220AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
ITO-220AB
VOLTAGE
100 Volts
CURRENT
20 Amperes
Jun,2015-REV.00
PAGE . 1
PARAMETER
SYMBOL
MBR
F20100CT
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC(AV)
100
V
Average Rectified Output Current
@Tc=1
20°C
IF
20
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum Forward Voltage
Note(1)
IF=10A@
IF=10A@
IF=20A@
IF=20A@
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
VF
0.85
0.75
0.95
0.85
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage
Tj=25°C
Tj=125°C
IR
0.01
10
mA
Typical thermal resistance Junction to Case (Note
2)
RΘJC
2.0
°C/W
Typical thermal resistance Junction to Lead (Note
2)
RΘJL
2.0
°C/W
Typical Thermal Resistance (Note
3)
CJ
350
pF
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +1
75
°C
www.
dyelec.com
Note :
(1)
300us pulse width, 2% duty cycle.
(2)
Device mounted on 135 mm x 135 mm x 8 mm Aluminum Plate Heatsink
(3)
Measured at 1.0MHz and applied reverse voltage of 4.0 DC.


Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT_16 Datasheet
268Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
MBR20100FCT BYTESONIC-MBR20100FCT Datasheet
371Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
2018/8/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com