Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF20100CT
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF20100CT Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBRF20100CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF20100CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF20100CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR
F20100CT
RATING AND CHARACTERISTIC CURVES
Jun,2015-REV.00
PAGE .
2
www.
dyelec.com
FIG.1- FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
0
25
50
75
100
125
150
CASE TEMPERATURE, (°C)
FIG.2- MAXIMUM NON-REPETITIVE SURGE CURRENT
0
25
50
75
100
125
150
1
100
10
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4- TYPICAL JUNCTION CAPACITANCE
10
100
1000
1
100
10
REVERSE VOLTAGE, (V)
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0.0001
0.0010
0.0100
0.1000
1.0000
10.0000
0
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.6- PD VS TEMPERATURE (per diode)
0
1.5
3
4.5
6
7.5
9
0
25
50
75
100
125
150
CASE TEMPERATURE, (°C)
8.3ms single half sine-wave
TJ=25°C
TJ=25°C, f=1MHz, level=1V
TJ=25°C
TJ=100°C
RESISTIVE OR INDUCTIVE LOAD
TJ=75°C
TJ=125°C
PULSE WIDTH 300us
2% Duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com