Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8738 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
12
DIGITAL FILTER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband
±0.01 dB
0
0.4535fs
dB
Stopband
-6dB
0.5fs
Passband ripple
±0.01
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-65
dB
Group Delay
22
Samples
Table 2 Digital Filter Characteristics
ADC FILTER RESPONSES
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 6 ADC Digital Filter Frequency Response
Figure 7 ADC Digital Filter Ripple
ADC HIGH PASS FILTER
The WM8738 has a selectable digital highpass filter to remove DC offsets. The filter response is characterised by the
following polynomial.
Figure 8 ADC Highpass Filter Response
1 - z-1
1 - 0.9995z-1
H(z) =
-15
-10
-5
0
0
0.0005
0.001
0.0015
0.002
Frequency (Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com