Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8738 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
13
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
DVDD
DGND
AVDD
CAP
C
12
C
11
AGND
1
14
Hardware
Control
WM8738
C
2
DVDD
C
1
4
FMT
AVDD
13
MCLK
3
BCLK
12
LRCLK
2
SDATO
Audio Serial Data I/F
AGND
9
+
5
+
+
11
NOHP
AGND
10
C
RIN
7
VREF
C
10
C
9
AGND
6
+
7
Notes:
1.
AGND and DGND should be connected as close to the WM8738 as possible.
2.
C
2, C3, C9 and C11
should be positioned as close to the WM8738 as possible.
3.
Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for optimum
performance.
C
4
C
3
LIN
5
C
8
DVDD
DVDD
6
C
C
8
R
1
R
4
R
2
R
3
Figure 9 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C4
10
µF
De-coupling for DVDD and AVDD
C2 and C3
0.1
µF
De-coupling for DVDD and AVDD
C5 and C7
1
µF
Analogue input AC coupling caps
C6 and C8
4.7nF
Analogue input filtering (RC) capacitor
R2 and R3
10k
Ω
Current limiting resistors
R1 and R4
680
Ω
Analogue input filtering (RC) resistor
C9
0.1
µF
C10
10
µF
Reference de-coupling capacitors for VREF pin
C11
0.1
µF
C12
10
µF
Reference de-coupling capacitors for CAP pin
Table 3 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com