Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BTM430
Description  Bluetooth짰 AT Data Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BTM430 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BTM430 Datasheet HTML 1Page - List of Unclassifed Manufacturers BTM430 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
Bluetooth® AT Data Module
BTM430/431
LWS-DS-BTM430-431 0412
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential
uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses.
Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms
and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
ORDERING INFORMATION
BTM430
Bluetooth AT Data Module (external antenna)
BTM431
Bluetooth AT Data Module (with integrated antenna)
DVK-BTM430
Development Kit (external antenna)
DVK-BTM431
Development Kit (with integrated antenna)
The details contained within the document are subject to change.
Download the product specification from www.lairdtech.com/wireless for the most current specification.
CATEGORIES
FEATURE
IMPLEMENTATION
Wireless Specification
Bluetooth®
Version 2.0+EDR
Frequency
2.402 – 2.480 GHz
Class 2
Max Transmit Power
+4 dBm (at antenna pad – BTM430)
+4 dBm (from integrated antenna – BTM431)
Receive Sensitivity
Better than -84 dBm
Range
Up to 30 meters
Data Rates
Up to 2.1Mbps (over the air)
UART Data Transfer Rate
Greater than 300 Kbps
Host Interface
UART
Supports CTS, RTS, DTR, DSR, DCD and RI
User Interface
GPIO
8 lines (shared)
Profiles
SPP – Serial Port Profile
FTP Client
OBEX Client
HSP (partial)
HFP (partial)
DUN
Supply Voltage
Supply
3.0 v to + 3.3 v
I/O
1.7 v to + 3.6 v (independent of Vcc)
Power Consumption
Current Consumption
Less than 40 mA during SCO transmission
Idle (sleep) < 1 mA
Coexistence /
Compatibility
802.11 (Wi-Fi)
2 wire and 3 wire schemes supported
Connections
External Antenna
50 Ohm matched SMT pad – BTM430
Internal Antenna
Multilayer ceramic – BTM431
Protocols
AT Command Set
Multipoint Packet Protocol – up to 3 connections
(throughput is limited in multipoint mode)
Physical
Dimensions
12.5 mm x 18.0 mm x 3.4 mm (external antenna – BTM430)
12.5 mm x 22.0 mm x 3.4 mm (internal antenna – BTM431)
Environmental
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Miscellaneous
Lead free
Lead-free and RoHS compliant
Warranty
1 Year
Development Tools
Development Kit
Development board and software tools
Approvals
Bluetooth
End Product Approved
FCC/IC & CE
BTM430 - Limited Modular Approval
BTM431 - Full Modular Approval



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com