Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BTM430
Description  Bluetooth짰 AT Data Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BTM430 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BTM430 Datasheet HTML 1Page - List of Unclassifed Manufacturers BTM430 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
Bluetooth® AT Data Module
BTM430/431
USA: +1.800.492.2320
Europe: +44.1628.858.940
Asia: +852.2268.6567
wirelessinfo@lairdtech.com
www.lairdtech.com/wireless
FEATURES AND BENEFITS
• Bluetoothv2.0+EDR
•Adaptivefrequencyhoppingtocopewithinterference
fromotherwirelessdevices
•Externalorinternalantennaoptions
•ComprehensiveATinterfaceforsimpleprogramming
•MultipointPacketProtocolsupportingupto
3connections
•BluetoothEndProductQualified
•Compactsize
•Class2output–4dBm
•Lowpoweroperation
•UARTinterface
•PCMandSCOforexternalcodec
•GPIOlinesunderATcontrol
•Wi-Fico-existence
APPLICATION AREAS
• Embeddeddevices
• Phoneaccessories
• Securitydevices
• Medicaland
telehealthdevices
• Aftermarketautomotive
applications
• Bluetoothadvertising
• ePOS
TheBTM430andBTM431Bluetooth®modulesfromLairdTechnologieshavebeendesigned
tomeettheneedsofdeveloperswhowishtoaddrobust,shortrangeBluetoothdata
connectivitytotheirproducts.TheyarebasedonthemarketleadingCambridgeSilicon
RadioBC04chipset,providingexceptionallylowpowerconsumptionwithoutstanding
range.
Withafootprintassmallas12.5x18.0mmfortheBTM430andbestofclass,low-power
operation,thesemodulesaretheidealchoiceforapplicationswheredesignersneedboth
performanceandminimumsize.Formaximumflexibilityinsystemsintegration,themodules
aredesignedtosupportaseparatepowersupplyforI/O.
Toaidproductdevelopmentandintegration,LairdTechnologieshasintegratedacomplete
Bluetoothprotocolstackwithinthemodules,includingsupportfortheBluetoothSerialPort
Profile.ThemodulesarefullyqualifiedasBluetoothEndProducts,allowingdesignersto
integratethemwithintheirownproductswithnofurtherBluetoothQualification.Theycan
thenlistandpromotetheirproductsontheBluetoothwebsitefreeofcharge.
AcomprehensiveATcommandorMultipointPacketProtocolisincluded,whichsimplifies
firmwareintegration.ThisensuresthatthechoiceofLairdTechnologiesBluetoothmodules
guaranteesthefastestroutetomarket.


Similar Part No. - BTM430

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM430 LSTD-BTM430 Datasheet
257Kb / 2P
Bluetooth End Product Qualified
More results

Similar Description - BTM430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9838_0709 NSC-LMX9838_0709 Datasheet
1Mb / 30P
Bluetooth짰 Serial Port Module
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
Bluetooth® technology module
10-Dec-2007
logo
Panasonic Semiconductor
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
BLUETOOTH짰 RF MODULE
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
STMicroelectronics
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
USB Dongle for the Bluetooth® class 2 SPBT2532C2.AT module
23-Feb-2011
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com