Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1321 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1321
Description  Low Capacitance Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1321 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1321 Datasheet HTML 1Page - Alpha Industries SMP1321 Datasheet HTML 2Page - Alpha Industries SMP1321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Low Capacitance
Plastic Packaged PIN Diodes
Features
s Designed for High Performance Wireless
Switch Applications
s 0.25 pF Capacitance Specified
s Multiple Package Configurations
s Available in Tape and Reel Packaging
Description
The SMP1321 series of plastic packaged, surface
mountable PIN diodes are designed for high volume switch
applications from 10 MHz to beyond 2 GHz. The low
capacitance of these diodes (0.25 pF) combined with its low
resistance (2.0
Ω maximum at 10 mA) make the SMP1321
series particularly suited to high isolation series connected
PIN diode switches in battery operated circuits. Available
in a selection of plastic packages and in a variety of
configurations including a low inductance (0.4 nH) SOT-23
(SMP1321-007), the small footprint SC-79 and the
miniature SC-70.
SMP1321 Series
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 100 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 30 V
0.25
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
3.0
Ω
Resistance (RS)
F = 100 MHz, I = 10 mA
2.0
Ω
Forward Voltage (VF)
IF = 10 mA
0.85
V
Carrier Lifetime (TI)
IF = 10 mA
0.4
µS
I Region Width
15
µm
Electrical Specifications at 25°C
Characteristic
Value
Reverse Voltage (VR)
100 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Single
Common
Common
Series Pair
Low
Single
Single
Anode
Cathode
Inductance
Marking: PM1
Marking: PM9
Marking: PM3
Marking: PM2
Marking: PMB
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SC-79
o
SMP1321-001
o
SMP1321-003
o
SMP1321-004
o
SMP1321-005
o
SMP1321-007
o
SMP1321-011
o
SMP1321-079
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
LS = 1.5 nH
LS = 0.7 nH
SC-70
SC-70
SC-70
o
SMP1321-073
o
SMP1321-074
o
SMP1321-075
LS = 1.4 nH
LS = 1.4 nH
LS = 1.4 nH
o Available through distribution.


Similar Part No. - SMP1321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1321-001 SKYWORKS-SMP1321-001 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1321-003 SKYWORKS-SMP1321-003 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1321-003 SKYWORKS-SMP1321-003 Datasheet
776Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-003LF SKYWORKS-SMP1321-003LF Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1321

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com