Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1321 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMP1321
Description  Low Capacitance Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1321 Datasheet(HTML) 2 Page - Alpha Industries

  SMP1321 Datasheet HTML 1Page - Alpha Industries SMP1321 Datasheet HTML 2Page - Alpha Industries SMP1321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Low Capacitance Plastic Packaged PIN Diodes
SMP1321 Series
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
0
1
2
5
10
20
50
Capacitance vs. Reverse Voltage
0
0.2
0.1
0.4
0.6
0.5
0.3
0.8
0.7
Reverse Voltage (V)
1 MHz–1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
Frequency (MHz)
0 V
10 V
40 V
0
100
200
300
400
500
600
700
800
Typical Performance Data
RR
R
R
R
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
47.400
50.000
56.300
61.500
65.100
0.10
12.000
12.600
13.900
15.400
16.400
0.30
5.200
5.400
5.800
6.400
6.900
0.50
3.600
3.800
4.100
4.500
4.800
1.00
2.400
2.500
2.600
2.800
3.100
10.00
1.030
1.040
1.040
1.070
1.150
20.00
0.871
0.888
0.873
0.889
0.956
100.00
0.669
0.659
0.642
0.645
0.695
Resistance vs. Temperature @ 500 MHz
SMP1321-007
In the -007 configuration of the SOT-23 package, the package
inductance is effectively reduced to 0.4 nH, in comparison to
the 1.5 nH value of the standard configuration. This lower
inductance will be particularly beneficial when the diodes are
used as shunt connected switches at frequencies higher than
500 MHz, where inductance is the primary limitation on
maximum switch isolation.
To achieve the effective 0.4 nH, the SOT-23 package must
be inserted in the microstrip circuit board with a gap in the
trace, as shown in the
figure. Because of the
polarity
of
the
diode
junction, this low inductance
feature is only realizable with
the cathode connected to
ground.
Ground
Gap



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com