Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLM-62R1137-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # XLM-62R1137-R
Description  XLM-62R1137-R Supercapacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XLM-62R1137-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  XLM-62R1137-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 10420
Effective July 2015
XLM-62R1137-R Supercapacitors
62V Module
Description
Eaton supercapacitors are high reliability, high
power, ultra-high capacitance energy storage
devices utilizing electrochemical double layer
capacitor (EDLC) construction combined with
proprietary materials and processes. This
combination of advanced technologies allows
Eaton to offer a wide variety of capacitor solutions
tailored to applications for backup power, pulse
power and hybrid power systems. They can
be applied as the sole energy storage or in
combination with batteries to optimize cost, life
time and run time. System requirements can
range from a few microwatts to megawatts. All
products feature low ESR for high power density
with environmentally friendly materials for a
green power solution. Eaton supercapacitors are
maintenance-free with design lifetimes up to
20 years and operating temperatures down to
-40°C and up to +85°C.
Features
•
Up to 20-year operating life
•
Low ESR for high power density
•
Long cycle life
•
Lead free, RoHS compliant
•
Active balancing for low standby current and
to maximize lifetime
•
Typical efficiency >98%
•
Maintenance free
•
Easy rack mounting
Applications
•
Datacenter UPS
•
Bridge power
•
Hospital UPS
•
Hybrid power system with fuel cells
•
Grid storage
•
Semiconductor equipment (SEMI F47
compliant)
Pb


Similar Part No. - XLM-62R1137-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
XLM-62R1137-R EATON-XLM-62R1137-R Datasheet
370Kb / 3P
62V Module
More results

Similar Description - XLM-62R1137-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com