Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLM-62R1137-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # XLM-62R1137-R
Description  XLM-62R1137-R Supercapacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XLM-62R1137-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  XLM-62R1137-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data
10420
Effective July 2015
XLM-62R1137-R Supercapacitors
62V Module
www.eaton.com/elx
Ratings
Capacitance
130F
Maximum working voltage
62.1V
Capacitance tolerance
- 0% to +20% (+20°C)
Operating temperature range
-40°C to +65°C
Specifications
Capacitance (F)
Part Number
Initial
Maximum
DC ESR1
(mΩ)
Standby current1
(mA) @ +20°C 72 Hour
Maximum
current5 (A)
Peak power2
(kW)
Total stored
energy3
(Wh)
Usable power4
(kW)
130
XLM-62R1137-R
6.7
13.3
2000
140
69.6
69.1
1. Measured according to IEC 62391 @ 62.1V
4. Usable power = 0.12*Vrated2/DC ESR
2. Power = Vrated2/4/DC ESR
5. Maximum current, 1 second discharge = 1/2C*V/(1 + DC ESR*C)
3. Energy = ½C*Vrated2/3600
Performance
Parameter (F)
Capacitance change
(% of initial value)
ESR (% of maximum
initial value)
Life (1500 hrs @ +65°C/62.1 V DC)
≤ 20%
≤ 200%
Life (10 years @ +25°C/62.1 V DC)
≤ 20%
≤ 200%
Cycling (1M cycles +25°C)1
≤ 20%
≤ 200%
Storage – 3 years (uncharged, +30°C)
≤ 3%
≤ 10%
1. Cycle: Vrated to ½ Vrated, 100A
Standards and certifications
Agency information
UL810A pending
Shock and vibration
Telcordia GR-63 Zone 4
Environmental
IP30, RoHS, Lead free
Altitude, Operating
10,000 ft / 3,000 meters
Altitude, Non-operating
40,000 ft / 12,000 meters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com