Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2877 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2877
Description  LM2877 Dual 4W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2877 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2877 Datasheet HTML 1Page - National Semiconductor (TI) LM2877 Datasheet HTML 2Page - National Semiconductor (TI) LM2877 Datasheet HTML 3Page - National Semiconductor (TI) LM2877 Datasheet HTML 4Page - National Semiconductor (TI) LM2877 Datasheet HTML 5Page - National Semiconductor (TI) LM2877 Datasheet HTML 6Page - National Semiconductor (TI) LM2877 Datasheet HTML 7Page - National Semiconductor (TI) LM2877 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7933
February 1995
LM2877 Dual 4W Audio Power Amplifier
General Description
The LM2877 is a monolithic dual power amplifier designed
to deliver 4Wchannel continuous into 8X loads
The
LM2877 is designed to operate with a low number of exter-
nal components and still provide flexibility for use in stereo
phonographs tape recorders and AM-FM stereo receivers
etc Each power amplifier is biased from a common internal
regulator to provide high power supply rejection and output
Q point centering The LM2877 is internally compensated
for all gains greater than 10 and comes in an 11-lead sin-
gle-in-line package
Features
Y
4Wchannel
Y
b
68 dB ripple rejection output referred
Y
b
70 dB channel separation output referred
Y
Wide supply range 6-24V
Y
Very low cross-over distortion
Y
Low audio band noise
Y
AC short circuit protected
Y
Internal thermal shutdown
Applications
Y
Multi-channel audio systems
Y
Stereo phonographs
Y
Tape recorders and players
Y
AM-FM radio receivers
Y
Servo amplifiers
Y
Intercom systems
Y
Automotive products
Connection Diagram
(Single-In-Line Package)
TLH7933 – 1
Top View
Order Number LM2877P
See NS Package Number P11A
Pin 6 must be connected to GND
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM2877

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM2876 TI2-LM2876 Datasheet
937Kb / 29P
LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results

Similar Description - LM2877

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1112 NTE-NTE1112 Datasheet
84Kb / 2P
Integrated Circuit Audio Power Amplifier, 4W @ 24V
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
logo
Fangtek Ltd.
FT2820 FANGTEK-FT2820 Datasheet
890Kb / 26P
4W Dual-PumpTM Class-G Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com