Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505SCH-5-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S505SCH-5-R
Description  5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505SCH-5-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S505SCH-5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 5Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 6Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data 10401
Effective May 2015
Product description
•
Time-delay, high breaking capacity
•
High I2t
•
Nickel-plated brass end cap construction
•
5 x 20mm physical size
•
Halogen free, lead free, RoHS compliant
Applications
Primary circuit protection:
•
Power supplies
•
LED lighting
•
LED/LCD televisions
•
Appliances and white goods
•
Printers
Agency information
•
cURus Recognition file number: E19180,
Guide JDYX2/JDYX8
CQC: 14012118443, 14012118444
•
KC-Mark: File SU05030-14002
•
TUV: R50294952
Ordering
•
Specify packaging prefix and part number
as shown
Packaging prefix
Part number
BK/
S505SCH-1-R
Packaging prefixes
•
BK/20 parts in a carrier, 5 carriers in a box
•
TR2/1500 parts per reel, tape width 52mm
•
TR3/1500 parts per reel, tape width 54mm
S505SCH
5 x 20 mm Time-delay, high I2t, axial lead,
ceramic tube fuses
Pb
HALOGEN
HF
FREE


Similar Part No. - S505SCH-5-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505SCH-5-R EATON-S505SCH-5-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
More results

Similar Description - S505SCH-5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C310T-SC ETC2-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com