Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505SCH-5-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # S505SCH-5-R
Description  5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505SCH-5-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  S505SCH-5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 5Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 6Page - Cooper Bussmann, Inc. S505SCH-5-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data
10401
Effective May 2015
S505SCH
5 x 20 mm Time-delay, high l2t, axial lead, ceramic tube fuses
www.eaton.com/elx
Electrical characteristics
l
n
1.5l
n
min
minute
2.1l
n
max
minute
2.75l
n
min
ms
max
s
4l
n
min
ms
max
s
10l
n
min
ms
max
ms
3.15A
60
30
750
80
95
5
10
150
5A-6.3A
60
30
750
80
150
5
10
150
Product specifications
Part number5
Voltage
rating AC
Interuppting rating
at rated voltage
(50 Hz) AC1 (amps)
Typical DC
cold resistance
(Ω)2
Typical
pre-arcing
l2t
(A2s)3
Typical
voltage drop
(mV)4
cURus
KC
CQC
TUV
S505SCH-3.15-R
250
1500
0.017
120
67
x
x
x
x
S505SCH-5-R
250
1500
0.014
160
90
x
x
x
x
S505SCH-6.3-R
250
1500
0.010
330
85
x
x
x
x
Dimensions–mm
1 Interrupting ratings 1A to 10A were measured at 70% to 80% PF on AC.
2 Typical DC cold resistance measured at <10% of rated current .
3. Typical I2t value is measured at 10 times the rated current under DC.
4. Typical voltage drop is measured at 20°C ambient temperature at rated current .
5. Part number definition: S505SCH-xxx-R
S505 = Product code
SCH = Single cap- high I2t
xxx = Ampere rating
-R = RoHS compliant
A
20.5
±1.0
10.0
±2.0
A
5.2
±0.25
0.65 dia
A
BK: 38.1±0.38
TR2: 15.0 typ
TR3: 16.0 typ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com