Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL49 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL49
Description  SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL49 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL49 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL49 Datasheet HTML 2Page - SUNMATE electronic Co., LTD LL49 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL49
of 3
1
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
VRRM
IF
Forward Continuous Current*
Ta = 70
°C
IFRM
Repetitive Peak Forward Current*
tp = 1s
δ ≤ 0.5
Surge non Repetitive Forward Current*
tp
≤ 10ms
Tstg
Tj
- 65 to 125
°C
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR * *
Tj = 25
°CVR = 80V
200
µA
VF * *
Tj = 25
°CIF = 10mA
0.32
V
Tj = 25
°CIF = 100mA
0.42
Tj = 25
°CIF = 1A
1
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°C
f = 1MHz
VR
VR = 5V
35
Symbol
Parameter
Value
Unit
Repetitive Peak Reverse Voltage
80
V
IFSM
Storage and Junction Temperature Range
- 65 to 150
10
A
3
A
500
mA
Features
!
!
www.sunmate.tw
Small foot print, surface mountable
Very low forward voltage drop
High frequency operation
!
Guard ring for enhanced ruggedness
!
and long term reliability
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
= 0V
120
pF
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
CURRENT: 0.5A
VOLTAGE RANGE: 8 0V


Similar Part No. - LL49

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4933G TSC-LL4933G Datasheet
260Kb / 2P
1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
RFE international
LL4933G RFE-LL4933G Datasheet
123Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
RFE international
LL4933G RFE-LL4933G Datasheet
149Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - LL49

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
Surface Mount Small Signal Schottky Diodes
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com