Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2878 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2878
Description  LM2878 Dual 5 Watt Power Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2878 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2878 Datasheet HTML 1Page - National Semiconductor (TI) LM2878 Datasheet HTML 2Page - National Semiconductor (TI) LM2878 Datasheet HTML 3Page - National Semiconductor (TI) LM2878 Datasheet HTML 4Page - National Semiconductor (TI) LM2878 Datasheet HTML 5Page - National Semiconductor (TI) LM2878 Datasheet HTML 6Page - National Semiconductor (TI) LM2878 Datasheet HTML 7Page - National Semiconductor (TI) LM2878 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
35V
Input Voltage (Note 1)
g
07V
Operating Temperature (Note 2)
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Junction Temperature
a
150 C
Lead Temperature (Soldering 10 sec)
a
260 C
Thermal Resistance
iJC
10 CW
iJA
55 CW
Electrical Characteristics VS e 22V TTAB e 25 C RL e 8X AV e 50 (34 dB) unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Total Supply Current
PO e 0W
10
50
mA
Operating Supply Voltage
6
32
V
Output PowerChannel
f e 1 kHz THD e 10% TTAB e 25 C
5
55
W
f e 1 kHz THD e 10% VS e 12V
13
W
Distortion
f e 1 kHz RL e 8X
020
%
PO e 50 mW
PO e 05W
015
%
PO e 2W
014
%
Output Swing
RL e 8X
VS b 6V
Vp-p
Channel Separation
CBYPASS e 50 mF CIN e 01 mF
f e 1 kHz Output Referred
b
50
b
70
dB
VO e 4 Vrms
PSRR Power Supply
CBYPASS e 50 mF CIN e 01 mF
Rejection Ratio
f e 120 Hz Output Referred
b
50
b
60
dB
Vripple e 1 Vrms
PSRR Negative Supply
Measured at DC Input Referred
b
60
dB
Common-Mode Range
Split Supplies g15V Pin 1
g
135
V
Tied to Pin 11
Input Offset Voltage
10
mV
Noise
Equivalent Input Noise
RS e 0 CIN e 01 mF
25
m
V
BW e 20 b 20 kHz
CCIR
ARM
30
m
V
Output Noise Wideband
08
mV
RS e 0 CIN e 01 mF AV e 200
Open Loop Gain
RS e 51X f e 1 kHz RL e 8X
70
dB
Input Bias Current
100
nA
Input Impedance
Open Loop
4
MX
DC Output Voltage
VS e 22V
10
11
12
V
Slew Rate
2V mS
Power Bandwidth
3 dB Bandwidth at 25W
65
kHz
Current Limit
15
A
Note 1 g
07V applies to audio applications for extended range see Application Hints
Note 2
For operation at ambient temperature greater than 25 C the LM2878 must be derated based on a maximum 150 C junction temperature using a thermal
resistance which depends upon device mounting techniques
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com