Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2878 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2878
Description  LM2878 Dual 5 Watt Power Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2878 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2878 Datasheet HTML 1Page - National Semiconductor (TI) LM2878 Datasheet HTML 2Page - National Semiconductor (TI) LM2878 Datasheet HTML 3Page - National Semiconductor (TI) LM2878 Datasheet HTML 4Page - National Semiconductor (TI) LM2878 Datasheet HTML 5Page - National Semiconductor (TI) LM2878 Datasheet HTML 6Page - National Semiconductor (TI) LM2878 Datasheet HTML 7Page - National Semiconductor (TI) LM2878 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7934
December 1994
LM2878 Dual 5 Watt Power Audio Amplifier
General Description
The LM2878 is a high voltage stereo power amplifier de-
signed to deliver 5Wchannel continuous into 8X loads The
amplifier is ideal for use with low regulation power supplies
due to the absolute maximum rating of 35V and its superior
power supply rejection The LM2878 is designed to operate
with a low number of external components and still provide
flexibility for use in stereo phonographs tape recorders and
AM-FM stereo receivers The flexibility of the LM2878 al-
lows it to be used as a power operational amplifier power
comparator or servo amplifier The LM2878 is internally
compensated for all gains greater than 10 and comes in an
11-lead single-in-line package (SIP) The package has been
redesigned resulting in the slightly degraded thermal char-
acteristics shown in the figure Device Dissipation vs Ambi-
ent Temperature
Features
Y
Wide operating range 6V – 32V
Y
5Wchannel output
Y
60 dB ripple rejection output referred
Y
70 dB channel separation output referred
Y
Low crossover distortion
Y
AC short circuit protected
Y
Internal thermal shutdown
Applications
Y
Stereo phonographs
Y
AM-FM radio receivers
Y
Power op amp power comparator
Y
Servo amplifiers
Typical Applications
TLH7934 – 1
of Bass Tone Control
Frequency Response
TLH7934 – 2
FIGURE 1 Stereo Phonograph Amplifier with Bass Tone Control
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM2876 TI2-LM2876 Datasheet
937Kb / 29P
LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results

Similar Description - LM2878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
LM377 NSC-LM377 Datasheet
37Kb / 1P
Dual 2 watt Audio Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
TBA800 FAIRCHILD-TBA800 Datasheet
351Kb / 7P
5-WATT AUDIO AMPLIFIER
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com