Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DF6 Datasheet(PDF) 1 Page - International Rectifier

Part # 10DF6
Description  ULTRAFAST SWITCHING RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10DF6 Datasheet(HTML) 1 Page - International Rectifier

  10DF6 Datasheet HTML 1Page - International Rectifier 10DF6 Datasheet HTML 2Page - International Rectifier 10DF6 Datasheet HTML 3Page - International Rectifier 10DF6 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ULTRAFAST SWITCHING RECTIFIER
1
PD-20553 03/98
10DF. SERIES
Major Ratings and Characteristics
Characteristics
10DF.
Units
I
F(AV)
1A
V
RRM
range
100 to 800
V
I
FSM
34
A
V
F
@ 1 A, T
J
= 25°C
1.2
V
t
rr
@ T
J
= 25°C
100
ns
T
J
range
- 65 to 150
°C
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Void-free Plastic in DO-41 package
1.0 ampere operation @ T
A
= 55°C
with no thermal runaway
Exceeds environmental standards of
MIL-STD-19500/228
Ultra Fast switching for high efficiency
Conform to JEDEC Outline DO-204AL (DO-41)
Dimensions in millimeters and (inches)
DO-204AL (DO-41)


Similar Part No. - 10DF6

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10DF6 NJSEMI-10DF6 Datasheet
61Kb / 1P
Ultra-Fast Recovery
10DF6 NJSEMI-10DF6 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
More results

Similar Description - 10DF6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
71Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF100S TRSYS-UF100S Datasheet
158Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF150 TRSYS-UF150 Datasheet
156Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF1600 TRSYS-UF1600 Datasheet
176Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF200 TRSYS-UF200 Datasheet
153Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF300 TRSYS-UF300 Datasheet
154Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
UF600 TRSYS-UF600 Datasheet
156Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF200 PANJIT-UF200_09 Datasheet
43Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
UF600 NJSEMI-UF600 Datasheet
149Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com