Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DF6 Datasheet(PDF) 2 Page - International Rectifier

Part # 10DF6
Description  ULTRAFAST SWITCHING RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10DF6 Datasheet(HTML) 2 Page - International Rectifier

  10DF6 Datasheet HTML 1Page - International Rectifier 10DF6 Datasheet HTML 2Page - International Rectifier 10DF6 Datasheet HTML 3Page - International Rectifier 10DF6 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
10DF. Series
PD-20553 03/98
V
RRM
, maximum
V
DC
, maximum
I
RRM
Part Number
peak reverse voltage
blocking voltage
100°C
VV
µA
10DF1
100
100
500
10DF2
200
200
10DF4
400
400
10DF6
600
600
10DF8
800
800
I
F(AV)
Maximum Average Forward Current
1
A
@ T
A
= 55° C, 3/8" lead length, 60Hz
resistive or inductive load
I
FSM
Peak Forward Surge Current
34
A
8.3ms single half sine wavesuperimposed
on rated load (JEDEC Method)
V
FM
Max. Instantaneous ForwardVoltage
1.2
V
@ 1A
I
RM
Maximum DC Reverse Current
10
µA
T
J
= 25° C
at Rated DC Blocking Voltage
500
T
J
= 100° C
t
rr
Reverse Recovery Time
100
ns
I
F
= 0.5A, I
R
= 1.0A, I
rr
= 0.25A
C
J
Typical Junction Capacitance
170
pf
@ 1MHz applied reversevoltageof4.0V
DC
R
thJA
Max. Junction Thermal Resistance
115
°C/W
lead length 0.375"(9.5mm)P.C.B. mounted
T
J
Operating Temperature Range
- 65 to 150
°C
T
stg
Storage Temperature Range
- 65 to 150
°C
wt
Approximate Weight
0.3 (0.013)
g (oz)
Case Style
DO-204AL(DO-41)
JEDEC molded plastic
Voltage Ratings
Maximum Ratings and Electrical Characteristics
Parameters
10DF.
Units
Conditions
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com