Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F206NIA200SA-M105F Datasheet(PDF) 21 Page - Vincotech

Part # F206NIA200SA-M105F
Description  High power flow2 housing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F206NIA200SA-M105F Datasheet(HTML) 21 Page - Vincotech

Back Button F206NIA200SA-M105F Datasheet HTML 16Page - Vincotech F206NIA200SA-M105F Datasheet HTML 17Page - Vincotech F206NIA200SA-M105F Datasheet HTML 18Page - Vincotech F206NIA200SA-M105F Datasheet HTML 19Page - Vincotech F206NIA200SA-M105F Datasheet HTML 20Page - Vincotech F206NIA200SA-M105F Datasheet HTML 21Page - Vincotech F206NIA200SA-M105F Datasheet HTML 22Page - Vincotech F206NIA200SA-M105F Datasheet HTML 23Page - Vincotech F206NIA200SA-M105F Datasheet HTML 24Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
F206NIA200SA-M105F
preliminary datasheet
Figure 5
Output inverter IGBT
Figure 6
Output inverter IGBT
Turn-off Switching Waveforms & definition of tEoff
Turn-on Switching Waveforms & definition of tEon
Poff (100%) =
140,86
kW
Pon (100%) =
140,86
kW
Eoff (100%) =
7,89
mJ
Eon (100%) =
4,22
mJ
tEoff =
0,59
μs
tEon =
0,45
μs
Figure 7
Output inverter FRED
Figure 8
Output inverter IGBT
Gate voltage vs Gate charge (measured)
Turn-off Switching Waveforms & definition of trr
VGEoff =
-15
V
Vd (100%) =
700
V
VGEon =
15
V
Id (100%) =
201
A
VC (100%) =
700
V
IRRM (100%) =
-172
A
IC (100%) =
201
A
trr =
0,27
μs
Qg =
2106,06
nC
Switching Definitions BUCK MOSFET
IC 1%
VGE90%
-20
0
20
40
60
80
100
120
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
time (us)
%
Poff
Eoff
tEoff
VCE3%
VGE10%
-20
0
20
40
60
80
100
120
140
3,8
3,9
4
4,1
4,2
4,3
4,4
4,5
4,6
4,7
time(us)
%
Pon
Eon
tEon
-20
-15
-10
-5
0
5
10
15
20
-500
0
500
1000
1500
2000
2500
Qg (nC)
IRRM10%
IRRM90%
IRRM100%
trr
-120
-80
-40
0
40
80
120
4,1
4,2
4,3
4,4
4,5
4,6
4,7
4,8
time(us)
%
Id
Vd
fitted
21
Revision: 4
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com