Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F206NIA200SA-M105F Datasheet(PDF) 9 Page - Vincotech

Part # F206NIA200SA-M105F
Description  High power flow2 housing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F206NIA200SA-M105F Datasheet(HTML) 9 Page - Vincotech

Back Button F206NIA200SA-M105F Datasheet HTML 5Page - Vincotech F206NIA200SA-M105F Datasheet HTML 6Page - Vincotech F206NIA200SA-M105F Datasheet HTML 7Page - Vincotech F206NIA200SA-M105F Datasheet HTML 8Page - Vincotech F206NIA200SA-M105F Datasheet HTML 9Page - Vincotech F206NIA200SA-M105F Datasheet HTML 10Page - Vincotech F206NIA200SA-M105F Datasheet HTML 11Page - Vincotech F206NIA200SA-M105F Datasheet HTML 12Page - Vincotech F206NIA200SA-M105F Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
F206NIA200SA-M105F
preliminary datasheet
Figure 17
FRED
Figure 18
FRED
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
350
V
VR =
350
V
VGE =
±15
V
IF =
200
A
Rgon =
4
Ω
VGE =
±15
V
Figure 19
IGBT
Figure 20
FRED
IGBT transient thermal impedance
FRED transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,39
K/W
RthJH =
0,60
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,02
1,2E+01
0,04
9,1E+00
0,10
2,6E+00
0,12
1,6E+00
0,07
4,8E-01
0,18
1,9E-01
0,11
5,9E-02
0,19
3,1E-02
0,05
1,3E-02
0,04
3,5E-03
0,02
4,9E-04
0,04
2,8E-04
Buck
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dI0/dtHigh T
dIrec/dtHigh T
dI0/dtLow T
dIrec/dtLow T
0
2000
4000
6000
8000
10000
0
4
8
12
16
20
R gon (W)
di0/dtHigh T
dIrec/dtHigh T
dIrec/dtLow T
dIo/dtLow T
0
1500
3000
4500
6000
7500
0
100
200
300
400
I C (A)
9
Revision: 4
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com