Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLQ015
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015 Datasheet(HTML) 4 Page - STMicroelectronics

  STLQ015 Datasheet HTML 1Page - STMicroelectronics STLQ015 Datasheet HTML 2Page - STMicroelectronics STLQ015 Datasheet HTML 3Page - STMicroelectronics STLQ015 Datasheet HTML 4Page - STMicroelectronics STLQ015 Datasheet HTML 5Page - STMicroelectronics STLQ015 Datasheet HTML 6Page - STMicroelectronics STLQ015 Datasheet HTML 7Page - STMicroelectronics STLQ015 Datasheet HTML 8Page - STMicroelectronics STLQ015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin configuration and description
STLQ015
4/17
DocID17285 Rev 6
2
Pin configuration and description
Figure 2: Pin configuration (top view)
Table 1: Pin description
Pin
Symbol
Functions
3
EN
Enable input
Set VEN = high to turn on the device
Set VEN = low to turn off the device
2
GND
Ground
1
IN
Input voltage
5
OUT
Output voltage
4
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com