Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLQ015
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015 Datasheet(HTML) 1 Page - STMicroelectronics

  STLQ015 Datasheet HTML 1Page - STMicroelectronics STLQ015 Datasheet HTML 2Page - STMicroelectronics STLQ015 Datasheet HTML 3Page - STMicroelectronics STLQ015 Datasheet HTML 4Page - STMicroelectronics STLQ015 Datasheet HTML 5Page - STMicroelectronics STLQ015 Datasheet HTML 6Page - STMicroelectronics STLQ015 Datasheet HTML 7Page - STMicroelectronics STLQ015 Datasheet HTML 8Page - STMicroelectronics STLQ015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2016
DocID17285 Rev 6
1/17
This is information on a product in full production.
www.st.com
STLQ015
150 mA, ultra low quiescent current linear voltage regulator
Datasheet - production data
Features
Input voltage from 1.5 to 5.5 V
Very low quiescent current:
1.0 µA (typ.) at no load
1.4 µA (typ.) at 150 mA load
1 nA (typ.) in OFF mode
200 nA max. in OFF mode at 125 °C
Output voltage tolerance: ± 2% at 25 °C
150 mA guaranteed output current
Wide range of output voltages: 0.8 V to
3.3 V in 100 mV steps
Logic-controlled electronic shutdown
Compatible with ceramic capacitor
(COUT = 1 µF)
Internal current and thermal limit
Temperature range: from -40 °C to 125 °C
Application
Mobile phones
Digital still cameras (DSC)
Battery-powered equipment
Portable media players
Description
The STLQ015 provides 150 mA of maximum
current with an input voltage range from 1.5 V to
5.5 V and a typical dropout voltage of 112 mV.
The key feature of this device is its quiescent
current, which is just 1.4 µA at maximum output
current. The device is stable with a ceramic
capacitor on the output. It offers very low
quiescent current and extends battery-life of
applications requiring very long standby time.
The enable logic control function puts the
STLQ015 in shutdown mode, reducing total
current consumption to 1 nA. The device also
includes short-circuit constant-current limiting and
thermal protection. Typical applications are:
portable and battery-powered systems, electronic
sensors and microcontroller power supply.


Similar Part No. - STLQ015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M15R STMICROELECTRONICS-STLQ015M15R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M18R STMICROELECTRONICS-STLQ015M18R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results

Similar Description - STLQ015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com