Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5286 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM8AF5286
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5286 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM8AF5286 Datasheet HTML 111Page - STMicroelectronics STM8AF5286 Datasheet HTML 112Page - STMicroelectronics STM8AF5286 Datasheet HTML 113Page - STMicroelectronics STM8AF5286 Datasheet HTML 114Page - STMicroelectronics STM8AF5286 Datasheet HTML 115Page - STMicroelectronics STM8AF5286 Datasheet HTML 116Page - STMicroelectronics STM8AF5286 Datasheet HTML 117Page - STMicroelectronics STM8AF5286 Datasheet HTML 118Page - STMicroelectronics STM8AF5286 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 125 page
background image
DocID14395 Rev 15
115/125
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
Revision history
124
14
Revision history
Table 55. Document revision history
Date
Revision
Changes
31-Jan-2008
1
Initial release
22-Aug-2008
2
Added ‘H’ products to the datasheet (Flash no EEPROM).
Section : Features on cover page: Updated Memories, Reset and
supply management, Communication interfaces and I/Os; reduced
wakeup pins by 1.
Table 1: Device summary: Removed STM8AF6168, STM8AF6148,
STM8AF6166, STM8AF6146, STM8AF5168, STM8AF5186,
STM8AF5176, and STM8AF5166.
Section 1: Introduction, Section 5: Product overview, Section 9:
Option bytes, Section 6.2: Alternate function remapping, Table 21:
Current characteristics: Updated reference documentation: RM0009,
PM0047, and UM0470.
Section 2: Description: added information about peak performance.
Section 3: Product line-up: Removed STM8A common features
table.
Table 4: Peripheral clock gating bits (CLK_PCKENR1): Removed
STM8AF5186T, STM8AF5176T, STM8AF5168T, and
STM8AF5166T.
Table 5: Peripheral clock gating bits (CLK_PCKENR2): Removed
STM8AF6168T, STM8AF6166T, STM8AF6148T, and
STM8AF6146T.
Section 5: Product overview: Made minor content changes and
improved readability and layout.
Section 5.5.3: 128 kHz low-speed internal RC oscillator (LSI): Major
modification, TMU included.
Section 5.5.2: 16 MHz high-speed internal RC oscillator (HSI): User
trimming updated.
Section 5.5.3: 128 kHz low-speed internal RC oscillator (LSI): LSI as
CPU clock added.
Section 5.5.4: 24 MHz high-speed external crystal oscillator (HSE),
Section 5.5.5: External clock input: Maximum frequency conditional
32 Kbyte/128 Kbyte.
Section 5.8: Analog to digital converter (ADC): Scan for 128 Kbyte
removed.
Section 5.9: Communication interfaces, Section 5.9.3: Serial
peripheral interface (SPI): SPI 10 Mb/s.
Figure 3: LQFP 80-pin pinout, Figure 4: LQFP 64-pin pinout,
Figure 6: STM8AF62xx LQFP/VFQFPN 32-pin pinout: Amended
footnote 1.
Table 12: Memory model 128K: HS output changed from 20 mA to 8
mA.
Section 7: Memory and register map: Corrected Table 8: Register
and memory map; removed address list; added Table 14: General
hardware register map.
Section 10.3.2: Supply current characteristics Note on typical/WC
values added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com