Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5286 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8AF5286
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5286 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8AF5286 Datasheet HTML 33Page - STMicroelectronics STM8AF5286 Datasheet HTML 34Page - STMicroelectronics STM8AF5286 Datasheet HTML 35Page - STMicroelectronics STM8AF5286 Datasheet HTML 36Page - STMicroelectronics STM8AF5286 Datasheet HTML 37Page - STMicroelectronics STM8AF5286 Datasheet HTML 38Page - STMicroelectronics STM8AF5286 Datasheet HTML 39Page - STMicroelectronics STM8AF5286 Datasheet HTML 40Page - STMicroelectronics STM8AF5286 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
DocID14395 Rev 15
37/125
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
Pinouts and pin description
114
55 46
-
-
-
PG3
I/O X X-
-
O1
X
X Port G3
--
56 47
-
-
-
PG4
I/O X X-
-
O1
X
X Port G4
--
57 48
-
-
-
PI0
I/O X X-
-
O1
X
X
Port I0
--
58
-
---
PI1
I/O X X-
-
O1
X
X
Port I1
--
59
-
---
PI2
I/O X X-
-
O1
X
X
Port I2
--
60
-
---
PI3
I/O X X-
-
O1
X
X
Port I3
--
61
-
---
PI4
I/O X X-
-
O1
X
X
Port I4
--
62
-
---
PI5
I/O X X-
-
O1
X
X
Port I5
--
63 49
-
-
-
PG5
I/O X X-
-
O1
X
X Port G5
--
64 50
-
-
-
PG6
I/O X X-
-
O1
X
X Port G6
--
65 51
-
-
-
PG7
I/O X X-
-
O1
X
X Port G7
--
66 52
-
-
-
PE4
I/O X XX
-
O1
X
X Port E4
--
67 53 37
-
-
PE3/TIM1_BKIN I/O X XX
-
O1
X
X Port E3
Timer 1 -
break input
-
68 54 38
-
-
PE2/I2C_SDA
I/O X
-X
-
O1 T(3) -
Port E2
I2C data
-
69 55 39
-
-
PE1/I2C_SCL
I/O X
-X
-
O1 T(3) -
Port E1
I2C clock
-
70 56 40
-
-
PE0/CLK_CCO I/O X XX
-
O3
X
X Port E0
Configurab
le clock
output
-
71
-
---
PI6
I/O X X-
-
O1
X
X
Port I6
--
72
-
---
PI7
I/O X X-
-
O1
X
X
Port I7
--
73 57 41
25
25 PD0/TIM3_CH2 I/O X XX HS O3
X
X Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
74 58 42
26
26
PD1/SWIM(4)
I/O X X XHS O4
X
X Port D1
SWIM data
interface
-
75 59 43
27
27 PD2/TIM3_CH1 I/O X XX HS O3
X
X Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
76 60 44
28
28 PD3/TIM2_CH2 I/O X XX HS O3
X
X Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
77 61 45
29
29
PD4/TIM2_CH1/
BEEP
I/O X XX HS O3
X
X Port D4
Timer 2 -
channel 1
BEEP output
[AFR7]
Table 11. STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com