Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5286 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM8AF5286
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5286 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM8AF5286 Datasheet HTML 117Page - STMicroelectronics STM8AF5286 Datasheet HTML 118Page - STMicroelectronics STM8AF5286 Datasheet HTML 119Page - STMicroelectronics STM8AF5286 Datasheet HTML 120Page - STMicroelectronics STM8AF5286 Datasheet HTML 121Page - STMicroelectronics STM8AF5286 Datasheet HTML 122Page - STMicroelectronics STM8AF5286 Datasheet HTML 123Page - STMicroelectronics STM8AF5286 Datasheet HTML 124Page - STMicroelectronics STM8AF5286 Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 125 page
background image
DocID14395 Rev 15
123/125
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
Revision history
124
31-Mar-2014
10
(continued)
Added:
– Figure 7: STM8AF52x6 VFQFPN32 32-pin pinout;
– the caution in Section 5.10: Input/output specifications,
– The table footnote “Not recommended for new designs” to Table:
STM8AF/H/P51xx product line-up with CAN and Table:
STM8AF/H/P61xx product line-up without CAN.
– The figure footnotes to Figure 7: STM8AF52x6 VFQFPN32 32-pin
pinout and Figure: VFQFPN 32-lead very thin fine pitch quad flat
no-lead package (5 x 5)
13-Jun-2014
11
Added STM8AF52A6 part number.
09-Jun-2015
12
Added:
– the third table footnote to Table 25: Operating conditions at power-
up/power-down,
– Figure 47: LQFP80 marking example (package top view),
– Figure 50: LQFP64 marking example (package top view),
– Figure 53: LQFP48 marking example (package top view),
– Figure 56: LQFP32 marking example (package top view),
– Figure 59: VFQFPN32 marking example (package top view),
– the footnote about the device marking to Figure 60:
STM8AF526x/8x/Ax and STM8AF6269/8x/Ax ordering information
scheme1.
Removed STM8AF51xx and STM8AF61xx obsolete root part
numbers, and consequently “H” products:
– Table 1: Device summary,
– Section 1: Introduction,
– Section 2: Description,
– Section 3: Product line-up,
– Table 12: Memory model 128K,
– Section 10.3: Operating conditions,
– Figure 60: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax ordering
information scheme1.
Moved Section 11.6: Thermal characteristics to Section 11: Package
information.
Updated:
– the product naming in the document headers and captions,
– the standard reference for EMI characteristics in Table 46: EMI
data.
13-Jun-2016
13
Updated Table 53: VFQFPN32 - 32-pin, 5 x 5 mm, 0.5 mm pitch very
thin profile fine pitch quad flat package mechanical data
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com