Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L89 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8AL3L89
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L89 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8AL3L89 Datasheet HTML 5Page - STMicroelectronics STM8AL3L89 Datasheet HTML 6Page - STMicroelectronics STM8AL3L89 Datasheet HTML 7Page - STMicroelectronics STM8AL3L89 Datasheet HTML 8Page - STMicroelectronics STM8AL3L89 Datasheet HTML 9Page - STMicroelectronics STM8AL3L89 Datasheet HTML 10Page - STMicroelectronics STM8AL3L89 Datasheet HTML 11Page - STMicroelectronics STM8AL3L89 Datasheet HTML 12Page - STMicroelectronics STM8AL3L89 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID17922 Rev 6
9/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
Workaround 3
This workaround can be used if block erase cannot be replaced by block programming.
In this workaround, DMA is used to transfer data to the EEPROM instead of the core. All
other DMA transfers are delayed once the core is stalled due to data transfer to memory
controller.
/* start of the workaround in user code, using FW Library */
#ifdef USE_EVENT_MODE
DMA1_Channel3->CCR= DMA_CCR_MEM | DMA_CCR_IDM | DMA_CCR_TCIE;
/*
Config DMA Chn3 Mem, incr, disable, interrupt) */
#else
DMA1_Channel3->CCR= DMA_CCR_MEM | DMA_CCR_IDM;
/* Config DMA
Chn3 (Mem, incr,disable) */
#endif
DMA1_Channel3->CM0ARH= (uint8_t)0;
/* Source address */
DMA1_Channel3->CM0ARL= (uint8_t)0;
DMA1_Channel3->CPARH= (uint8_t)(addr_begin >> 8); /* Destination
address */
DMA1_Channel3->CPARL= (uint8_t)(addr_begin);
DMA1_Channel3->CNBTR= 2; /* Number of data to be transferred */
DMA1_Channel3->CSPR= 8; /* Low priority, 16 bit mode */
DMA1_Channel3->CSPR &= ~DMA_CSPR_TCIF;/* Clear TCIF */
DMA1->GCSR|= 1; /* Global DMA enable */
#ifdef USE_EVENT_MODE
WFE->CR3 = WFE_CR3_DMA1CH23_EV; /* Enable event generation on
DMA */
#endif
FLASH->DUKR = 0xAE; /* Unprotect data memory */
FLASH->DUKR = 0x56;
while((FLASH->IAPSR & FLASH_IAPSR_DUL) == 0)
{} /* Polling DUL */
FLASH_Block_Load();
/* end of the workaround in user code */
/* following routine has to be placed in the RAM */
void FLASH_Block_Load(){
__asm("sim\n"); /* Disable interrupts */
FLASH->CR2 |= FLASH_CR2_ERASE; /* Enable erase block mode */
DMA1_Channel3->CCR|= DMA_CCR_CE; /* Enable DMA MEM transfer */
#ifdef USE_EVENT_MODE
__asm("wfe"); /* Wait for end of DMA operation */
#else
while((DMA1_Channel3->CSPR & DMA_CSPR_TCIF) == 0)
{} /* Polling for end of DMA operation */
#endif
__asm("rim\n"); /* Enable interrupts */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com