Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L89 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8AL3L89
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L89 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8AL3L89 Datasheet HTML 8Page - STMicroelectronics STM8AL3L89 Datasheet HTML 9Page - STMicroelectronics STM8AL3L89 Datasheet HTML 10Page - STMicroelectronics STM8AL3L89 Datasheet HTML 11Page - STMicroelectronics STM8AL3L89 Datasheet HTML 12Page - STMicroelectronics STM8AL3L89 Datasheet HTML 13Page - STMicroelectronics STM8AL3L89 Datasheet HTML 14Page - STMicroelectronics STM8AL3L89 Datasheet HTML 15Page - STMicroelectronics STM8AL3L89 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Silicon limitations
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
12/18
DocID17922 Rev 6
1.3
Peripheral limitations
1.3.1
SPI2 peripheral limitations
SPI2_MOSI cannot be configured as pseudo open-drain on 48-pin packages
Description
On UFQFPN48 and LQFP48 packages, when the SPI2 peripheral is enabled and
SPI2_MOSI/PD5 is configured as pseudo open-drain output in the GPIO Port D control
register 1 (PD_CR1), PD5 remains in push-pull mode.
SPI2_MOSI can be configured as pseudo open-drain output on LQFP80 and LQFP64
packages.
Workaround
None. However, as SPI2_MOSI is usually configured as push-pull output, this limitation
should not have any impact.
No fix planned for this limitation.
1.3.2
I2C peripheral limitations
I2C event management
Description
As described in the I2C section of the STM8L05x/15x microcontroller family reference
manual (RM0031), the application firmware has to manage several software events before
the current byte is transferred. If the EV7, EV7_1, EV6_1, EV6_3, EV2, EV8 and EV3
events are not managed before the current byte is transferred, problems may occur such as
receiving an extra byte, reading the same data twice or missing data.
Workarounds
When the EV7, EV7_1, EV6_1, EV6_3, EV2, EV8, and EV3 events cannot be managed
before the current byte transfer and before the acknowledge pulse when the ACK control bit
changes, it is recommended to:
1.
Use the I2C with DMA in general, except when the Master is receiving a single byte.
2.
Use I2C interrupts in nested mode and boost their priorities to the highest one in the
application to make them uninterruptible.
No fix planned for this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com