Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8AL3L8A
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8AL3L8A Datasheet HTML 4Page - STMicroelectronics STM8AL3L8A Datasheet HTML 5Page - STMicroelectronics STM8AL3L8A Datasheet HTML 6Page - STMicroelectronics STM8AL3L8A Datasheet HTML 7Page - STMicroelectronics STM8AL3L8A Datasheet HTML 8Page - STMicroelectronics STM8AL3L8A Datasheet HTML 9Page - STMicroelectronics STM8AL3L8A Datasheet HTML 10Page - STMicroelectronics STM8AL3L8A Datasheet HTML 11Page - STMicroelectronics STM8AL3L8A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Silicon limitations
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
8/18
DocID17922 Rev 6
Case 2:
It is recommended to avoid any interrupts before WFE mode is entered. This can be
done by disabling all interrupts before the device enters Wait for event mode.
SIM
WFE
RIM
This workaround also prevents WFE re-execution in case 1.
No fix is planned for this limitation.
1.1.5
Core kept in stall mode when DMA transfer occurs during program/
erase operation to EEPROM
Description
When the MCU performs EEPROM program/erase operation, the core is stalled during data
transfer to the memory controller, which occurs at the beginning of the program/erase
operation. If a DMA request servicing starts while the core is stalled, the core does not
return from stall mode to program execution.
The core is stalled for 11 cycles during byte program/erase, 8 cycles during word
program/erase and 3 cycles during each word transfer in block programming mode. For
block erase, the core is stalled for 127 cycles.
When a DMA request arises, it is only served if the DMA priority is higher than the core
access priority.
If the current DMA priority is lower than the core one, the DMA service is delayed until the
core access becomes idle.
The DMA also includes a programmable timeout function, configurable by DMA_GCSR
register. If the core does not release the bus during this timeout, the DMA automatically
increases its own priority and forces the core to release the bus for DMA service.
No fix is planned for this limitation.
Several workarounds are available for this limitation.
Workaround 1
Disable all DMA requests during data transfer to the EEPROM.
This workaround is applicable for all program/erase operations.
Workaround 2
Configure DMA programmable timeout in the DMA_GCSR register to exceed the number of
stall cycles required during the transfer. DMA priority must never be configured to a very
high level.
This workaround is applicable for all program/erase operations except block erase.
In order to apply this workaround to block erase, use block programming to 0x00 instead of
block erase. This takes ~6 ms instead of ~3 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com