Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8AL3L8A
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8AL3L8A Datasheet HTML 10Page - STMicroelectronics STM8AL3L8A Datasheet HTML 11Page - STMicroelectronics STM8AL3L8A Datasheet HTML 12Page - STMicroelectronics STM8AL3L8A Datasheet HTML 13Page - STMicroelectronics STM8AL3L8A Datasheet HTML 14Page - STMicroelectronics STM8AL3L8A Datasheet HTML 15Page - STMicroelectronics STM8AL3L8A Datasheet HTML 16Page - STMicroelectronics STM8AL3L8A Datasheet HTML 17Page - STMicroelectronics STM8AL3L8A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID17922 Rev 6
15/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
Workaround
If the master device supports it, use the clock stretching mechanism by programming the bit
NOSTRETCH=0 in the I2C_CR1 register.
If the master device does not support it, ensure that the write operation to the data register
is performed just after TXE or ADDR events. You can use an interrupt on the TXE or ADDR
flag and boost its priority to the higher level or use DMA.
Using the “NOSTRETCH” mode with a slow I2C bus speed can prevent the application from
being late to write the DR register (second condition).
Note:
The first data to be transmitted must be written into the data register after the ADDR flag is
cleared, and before the next SCL rising edge, so that the time window to write the first data
into the data register is less than tLOW.
If this is not possible, a possible workaround can be the following:
1.
Clear the ADDR flag
2.
Wait for the OVR flag to be set
3.
Clear OVR and write the first data.
The time window for writing the next data is then the time to transfer one byte. In that case,
the master must discard the first received data.
SMBus standard not fully supported in I2C peripherals
Description
The I2C peripheral is not fully compliant with the SMBus v2.0 standard since it does not
support the capability to NACK an invalid byte/command.
Workarounds
A higher-level mechanism should be used to verify that a write operation is being performed
correctly at the target device, such as:
The use of the SMBA pin if supported by the host
The alert response address (ARA) protocol
The Host notify protocol.
1.3.3
USART peripheral limitations
USART IDLE frame detection not supported in the case of a clock deviation
Description
An idle frame cannot be detected if the receiver clock is deviated.
If a valid idle frame of a minimum length (depending on the M and Stop bit numbers) is
followed without any delay by a start bit, the IDLE flag is not set if the receiver clock is
deviated from the RX line (only if the RX line switches before the receiver clock).
Consequently, the IDLE flag is not set even if a valid idle frame occurred.
Workaround
None.
No fix planned for this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com