Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F058C8 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F058C8
Description  Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F058C8 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F058C8 Datasheet HTML 27Page - STMicroelectronics STM32F058C8 Datasheet HTML 28Page - STMicroelectronics STM32F058C8 Datasheet HTML 29Page - STMicroelectronics STM32F058C8 Datasheet HTML 30Page - STMicroelectronics STM32F058C8 Datasheet HTML 31Page - STMicroelectronics STM32F058C8 Datasheet HTML 32Page - STMicroelectronics STM32F058C8 Datasheet HTML 33Page - STMicroelectronics STM32F058C8 Datasheet HTML 34Page - STMicroelectronics STM32F058C8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
DocID023402 Rev 3
31/104
STM32F058C8 STM32F058R8 STM32F058T8
Pinouts and pin descriptions
32
36 F7 28
-
PB15
I/O
FT
(5)
SPI2_MOSI, TIM1_CH3N,
TIM15_CH1N, TIM15_CH2
RTC_REFIN
37 F6
-
-
PC6
I/O
FT
-
TIM3_CH1
-
38 E7
-
-
PC7
I/O
FT
-
TIM3_CH2
-
39 E8
-
-
PC8
I/O
FT
-
TIM3_CH3
-
40 D8
-
-
PC9
I/O
FT
-
TIM3_CH4
-
41 D7 29 E2
PA8
I/O
FT
-
USART1_CK, TIM1_CH1,
EVENTOUT, MCO
-
42 C7 30 D1
PA9
I/O
FT
-
USART1_TX, TIM1_CH2,
TIM15_BKIN, TSC_G4_IO1
-
43 C6 31 C1
PA10
I/O
FT
-
USART1_RX, TIM1_CH3,
TIM17_BKIN, TSC_G4_IO2
-
44 C8 32 C2
PA11
I/O
FT
-
USART1_CTS, TIM1_CH4,
COMP1_OUT, TSC_G4_IO3,
EVENTOUT
-
45 B8 33 A1
PA12
I/O
FT
-
USART1_RTS, TIM1_ETR,
COMP2_OUT, TSC_G4_IO4,
EVENTOUT
-
46 A8 34 B1
PA13
(SWDIO)
I/O
FT
(6)
IR_OUT, SWDIO
-
47 D6 35
-
PF6
I/O
FT
-
I2C2_SCL
-
48 E6 36
-
PF7
I/O
FT
-
I2C2_SDA
-
49 A7 37 B2
PA14
(SWCLK)
I/O
FT
(6)
USART2_TX, SWCLK
-
50 A6 38 A2
PA15
I/O
FT
-
SPI1_NSS, I2S1_WS,
USART2_RX,
TIM2_CH1_ETR,
EVENTOUT
-
51 B7
-
-
PC10
I/O
FT
-
-
-
52 B6
-
-
PC11
I/O
FT
-
-
-
53 C5
-
-
PC12
I/O
FT
-
-
-
54 B5
-
-
PD2
I/O
FT
-
TIM3_ETR
-
55 A5 39 B3
PB3
I/O
FT
-
SPI1_SCK, I2S1_CK,
TIM2_CH2, TSC_G5_IO1,
EVENTOUT
-
Table 12. Pin definitions (continued)
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com