Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F058C8 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F058C8
Description  Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F058C8 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F058C8 Datasheet HTML 42Page - STMicroelectronics STM32F058C8 Datasheet HTML 43Page - STMicroelectronics STM32F058C8 Datasheet HTML 44Page - STMicroelectronics STM32F058C8 Datasheet HTML 45Page - STMicroelectronics STM32F058C8 Datasheet HTML 46Page - STMicroelectronics STM32F058C8 Datasheet HTML 47Page - STMicroelectronics STM32F058C8 Datasheet HTML 48Page - STMicroelectronics STM32F058C8 Datasheet HTML 49Page - STMicroelectronics STM32F058C8 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Electrical characteristics
STM32F058C8 STM32F058R8 STM32F058T8
46/104
DocID023402 Rev 3
IDD
Supply
current in
Sleep
mode
HSE
bypass,
PLL on
48 MHz 12.5
13.7
14.4
14.9
2.7
2.9
3.0
3.2
mA
32 MHz 8.8
9.3
9.7
10.1
1.8
2.0
2.2
2.3
24 MHz 6.8
7.3
7.7
8.1
1.5
1.5
1.6
1.7
HSE
bypass,
PLL off
8 MHz
2.2
2.6
2.8
3.0
0.5
0.6
0.6
0.6
1 MHz
0.3
0.4
0.4
0.5
0.1
0.2
0.2
0.2
HSI clock,
PLL on
48 MHz 12.6
13.8
14.5
15.1
2.8
2.9
3.1
3.3
32 MHz 8.8
9.5
9.8
10.2
1.9
2.1
2.2
2.4
24 MHz 6.9
7.4
7.8
8.1
1.5
1.6
1.7
1.8
HSI clock,
PLL off
8 MHz
2.3
2.7
2.9
3.1
0.5
0.6
0.7
0.8
1. Data based on characterization results, not tested in production unless otherwise specified.
Table 22. Typical and maximum current consumption from VDD at 1.8 V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C
105 °C
25 °C 85 °C 105 °C
Table 23. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C
85 °C 105 °C
I
DDA
Supply
current in
Run or
Sleep
mode,
code
executing
from Flash
memory or
RAM
External
clock (HSE
bypass)
48 MHz
148
169
179
183
162
183
195
198
µA
32 MHz
103
121
126
128
111
129
135
138
24 MHz
81
96
100
103
87
102
106
108
8 MHz
1.0
3.0
3.0
3.0
2.0
3.0
3.0
4.0
1 MHz
1.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
Internal
clock (HSI)
48 MHz
218
240
251
255
242
263
275
278
32 MHz
172
191
199
202
191
209
215
218
24 MHz
150
168
173
175
166
183
190
192
8 MHz
70
8082
83
82
91
9495
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com