Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F318C8 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F318C8
Description  ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F318C8 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F318C8 Datasheet HTML 80Page - STMicroelectronics STM32F318C8 Datasheet HTML 81Page - STMicroelectronics STM32F318C8 Datasheet HTML 82Page - STMicroelectronics STM32F318C8 Datasheet HTML 83Page - STMicroelectronics STM32F318C8 Datasheet HTML 84Page - STMicroelectronics STM32F318C8 Datasheet HTML 85Page - STMicroelectronics STM32F318C8 Datasheet HTML 86Page - STMicroelectronics STM32F318C8 Datasheet HTML 87Page - STMicroelectronics STM32F318C8 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
Electrical characteristics
STM32F318C8 STM32F318K8
84/125
DocID026294 Rev 5
Figure 21. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 51
. Otherwise the reset will not be taken into account by the device.
6.3.15
NPOR pin characteristics
The NPOR pin input driver uses the CMOS technology. It is connected to a permanent pull-
up resistor, Rpu (see Table 52) connected to VDDA supply.
Unless otherwise specified, the parameters given in Table 52 are derived from tests
performed under ambient temperature and VDDA supply voltage conditions summarized in
Table 20
.
Table 52. NPOR pin characteristics
Symbol(1)
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NPOR)
NPOR Input low level
voltage
--
-
0.475 VDDA - 0.2
V
VIH(NPOR)
NPOR Input low level
voltage
-
0.5 VDDA +0.2
--
Vhys(NPOR)
NPOR Schmitt trigger
voltage hysteresis
-
-
100
-
mV
RPU
Weak pull-up equivalent
resistor(2)
VIN = VSS
25
40
55
k
1. Guaranteed by design, not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10% order).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com