Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F318C8 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F318C8
Description  ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F318C8 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F318C8 Datasheet HTML 32Page - STMicroelectronics STM32F318C8 Datasheet HTML 33Page - STMicroelectronics STM32F318C8 Datasheet HTML 34Page - STMicroelectronics STM32F318C8 Datasheet HTML 35Page - STMicroelectronics STM32F318C8 Datasheet HTML 36Page - STMicroelectronics STM32F318C8 Datasheet HTML 37Page - STMicroelectronics STM32F318C8 Datasheet HTML 38Page - STMicroelectronics STM32F318C8 Datasheet HTML 39Page - STMicroelectronics STM32F318C8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
-
-
F7
VSS_4
S
-
-
-
-
--
F2
VDD_4
S
-
-
-
-
11
14
G6
PA4
I/O
TTa
(2)
TSC_G2_IO1, SPI3_NSS/I2S3_WS,
USART2_CK, EVENTOUT
ADC1_IN5, DAC1_OUT1,
COMP2_INM, COMP4_INM,
COMP6_INM
12
15
F5
PA5
I/O
TTa
-
TIM2_CH1/TIM2_ETR, TSC_G2_IO2,
EVENTOUT
OPAMP2_VINM
13
16
F4
PA6
I/O
TTa
(2)
TIM16_CH1, TSC_G2_IO3, TIM1_BKIN,
EVENTOUT
ADC1_IN10, OPAMP2_VOUT
14
17
F3
PA7
I/O
TTa
-
TIM17_CH1, TSC_G2_IO4,
TIM1_CH1N, EVENTOUT
ADC1_IN15, COMP2_INP,
OPAMP2_VINP
15
18
G5
PB0
I/O
TTa
-
TSC_G3_IO2, TIM1_CH2N, EVENTOUT
ADC1_IN11, COMP4_INP,
OPAMP2_VINP
-
19
G4
PB1
I/O
TTa
-
TSC_G3_IO3, TIM1_CH3N,
COMP4_OUT, EVENTOUT
ADC1_IN12
-21
E3
PB10
I/O
TT
-
TIM2_CH3, TSC_SYNC, USART3_TX,
EVENTOUT
-
-
22
G2
PB11
I/O
TTa
-
TIM2_CH4, TSC_G6_IO1, USART3_RX,
EVENTOUT
ADC1_IN14, COMP6_INP
16
23
D3
VSS_2
S
-
-
Digital ground
17
24
B2
VDD_2
S
-
-
Digital power supply
Table 12. STM32F318x8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com