Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F318C8 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F318C8
Description  ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F318C8 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F318C8 Datasheet HTML 99Page - STMicroelectronics STM32F318C8 Datasheet HTML 100Page - STMicroelectronics STM32F318C8 Datasheet HTML 101Page - STMicroelectronics STM32F318C8 Datasheet HTML 102Page - STMicroelectronics STM32F318C8 Datasheet HTML 103Page - STMicroelectronics STM32F318C8 Datasheet HTML 104Page - STMicroelectronics STM32F318C8 Datasheet HTML 105Page - STMicroelectronics STM32F318C8 Datasheet HTML 106Page - STMicroelectronics STM32F318C8 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 125 page
background image
DocID026294 Rev 5
103/125
STM32F318C8 STM32F318K8
Electrical characteristics
107
Figure 31. Maximum VREFINT scaler startup time from power down
tD
Propagation delay for
200 mV step with 100 mV
overdrive
VDDA  2.7 V
-
25
28
ns
VDDA  2.7 V
-
28
30
Propagation delay for full
range step with 100 mV
overdrive
VDDA  2.7 V
-
32
35
VDDA  2.7 V
-
35
40
VOFFSET
Comparator offset error
VDDA  2.7 V
-
5
10
mV
VDDA  2.7 V
-
-
25
TVOFFSET Total offset variation
Full temperature range
-
-
3
mV
IDD(COMP)
COMP current
consumption
-
-
400
600
µA
1. Guaranteed by design, not tested in production.
2. For more details and conditions, see Figure 31: Maximum VREFINT scaler startup time from power down.
Table 65. Comparator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com