Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2889 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2889
Description  LM2889 TV Video Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2889 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2889 Datasheet HTML 1Page - National Semiconductor (TI) LM2889 Datasheet HTML 2Page - National Semiconductor (TI) LM2889 Datasheet HTML 3Page - National Semiconductor (TI) LM2889 Datasheet HTML 4Page - National Semiconductor (TI) LM2889 Datasheet HTML 5Page - National Semiconductor (TI) LM2889 Datasheet HTML 6Page - National Semiconductor (TI) LM2889 Datasheet HTML 7Page - National Semiconductor (TI) LM2889 Datasheet HTML 8Page - National Semiconductor (TI) LM2889 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Design Characteristics (AC test circuit VSe12V)
Parameter
Typ
Units
Sound Modulator Audio THD at g25 kHz Deviation VIN must be 1 kHz Source
08
%
Demodulate as Shown in
Figure 1
Sound Modulator Input Impedance (Pin 1)
15
kX
Sound Modulator Bandwidth
100
kHz
Oscillator Supply Dependence Sound Carrier RF
See Curves
Oscillator Temperature Dependence (IC Only)
Sound Carrier
b
15
ppm C
RF
b
50
ppm C
RF Oscillator Maximum Operating Frequency (Temperature Stability Degraded)
100
MHz
RF Modulator
Carrier Suppression (Adjust Video Bias for Minimum RF Carrier at nOUT
30
dB
and Reference to nOUT with 3V Offset at Pins 10 and 11 See Applications
Information RF Modulation Section)
358 MHz Differential Gain
5
%
Differential Phase
3
degrees
25V Vp-p Video 875% Mod
Output Harmonics below RF Carrier
2nd 3rd
b
12
dB
4th and Above
b
20
dB
Input Impedance Pin 10 Pin 11
1 MX
2 pF
AC Test Circuit
TLH5079 – 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com