Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2889 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2889
Description  LM2889 TV Video Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2889 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2889 Datasheet HTML 1Page - National Semiconductor (TI) LM2889 Datasheet HTML 2Page - National Semiconductor (TI) LM2889 Datasheet HTML 3Page - National Semiconductor (TI) LM2889 Datasheet HTML 4Page - National Semiconductor (TI) LM2889 Datasheet HTML 5Page - National Semiconductor (TI) LM2889 Datasheet HTML 6Page - National Semiconductor (TI) LM2889 Datasheet HTML 7Page - National Semiconductor (TI) LM2889 Datasheet HTML 8Page - National Semiconductor (TI) LM2889 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH5079
December 1994
LM2889 TV Video Modulator
General Description
The LM2889 is designed to interface audio and video sig-
nals to the antenna terminals of a TV receiver It consists of
a sound subcarrier oscillator and FM modulator video
clamp and RF oscillators and modulators for two low-VHF
channels
The LM2889 allows video information from VTRs video disk
systems games test equipment or similar sources to be
displayed on black and white or color TV receivers
Features
Y
Pin for pin compatible with LM1889 RF section
Y
Low distortion FM sound modulator (less than 1%
THD)
Y
Video clamp for AC-coupled video
Y
Low sound oscillator harmonic levels
Y
10V to 16V supply operation
Y
DC channel switching
Y
Excellent oscillator stability
Y
Low intermodulation products
Block and Connection Diagrams (Dual-In-Line Package)
DC Test Circuit
TLH5079 – 1
Order Number LM2889N
See NS Package Number N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2889

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM280Z SEOUL-LM280Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM281 SEOUL-LM281 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM281 SEOUL-LM281 Datasheet
360Kb / 13P
CYAN LAMP LED
LM281 SEOUL-LM281 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM281 SEOUL-LM281 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM2889

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM1372A NJRC-NJM1372A Datasheet
163Kb / 5P
TV VIDEO MODULATOR
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
TV VIDEO MODULATOR
logo
National Semiconductor ...
LM1889 NSC-LM1889 Datasheet
326Kb / 10P
LM1889 TV Video Modulator
logo
NTE Electronics
NTE846 NTE-NTE846 Datasheet
22Kb / 3P
Integrated Circuit TV Video Modulator
logo
NXP Semiconductors
TDA6800 PHILIPS-TDA6800 Datasheet
54Kb / 10P
Video modulator circuit
March 1986
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
TV RF MODULATOR/PLL
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
Video-Modulator with PLL
logo
Hitachi Semiconductor
HA11465A HITACHI-HA11465A Datasheet
338Kb / 5P
TV VIDEO AMPLIFLER
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
TV Video Modulator
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
TV MODULATOR CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com