Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPP60R250CP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP60R250CP
Description  CoolMOS占쏙옙 CE Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R250CP Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP60R250CP_12 Datasheet HTML 1Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 2Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 3Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 4Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 5Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 6Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 7Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 8Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9??-'@),'4?
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
 C9 ,8 4. .3,<,.>0<4=>4.=
&CEJI8
6E68
>I6C8
:
% Zdd
&
*+))
&
a?
, JIEJI8
6E68
>I6C8
:
% `dd
&
.-
&
" ;;: 8
I>K: DJIEJI8
6E68
>I6C8
:: C: G<N
cV]ReVU
.#
% `"Vc#
&
..
&
" ;;: 8
I>K: DJIEJI8
6E68
>I6C8
:I>B :
cV]ReVU
/#
% `"ec#
&
*.)
&
1JGCDC 9: A
6NI>B :
1 U"`_#
&
-)
&
_d
/ >H: I>B :
1 c
&
*0
&
1JGCD;;9: A
6NI>B :
1 U"`WW#
&
**)
&
# 6A
AI>B :
1 W
&
*+
&
$ 6I:
=6G<:
=6G68
I: G>HI>8
H
$ 6I: ID HDJG8
: 8
=6G<:
* Xd
&
/
&
_<
$ 6I: ID 9G6>C 8
=6G<:
* XU
&
2
&
$ 6I: 8
=6G<: IDI6A
* X
&
+/
,.
$ 6I: EA
6I: 6JKDA
I6<:
- a]ReVRf
&
.')
&
O
$ 0@0<=0  4: /0
!>D9: ;DGL6G9 KDA
I6<:
- L=
- @L3( ?   
, [   Y
&
)'2
*'+
O
/ : K: GH: G: 8
DK: GNI>B :
1 cc
&
,,)
&
_d
/ : K: GH: G: 8
DK: GN8
=6G<:
* cc
&
-'.
&
w<
- : 6@G: K: GH: G: 8
DK: GN8
JGG: CI
( cc^
&
+0
&
9
*# ' 01!6C9 ' " 0! 
+# -JAH: L>9I=1
a A
>B >I: 9 7N, [%^Ri
-# &
L=
"B= 9> 9I"  [ H 3 =<]Z_\  33 aVR\5O";K#=LL 1[5M[^Ri >9: CI>8
6AA
DL H>9: 6C9 =><= H>9: HL>I8
=
- K  3( ?6( L
U0 ?(U1    [ H
.# %
`"Vc# >
H6 ;>M: 9 8
6E68
>I6C8
: I=6I<>K: HI=: H6B : HIDG: 9 : C: G<N6H% `dd L=>A: - =L >HG>H>C< ;GDBID  - =LL'
/# %
`"ec# >
H6 ;>M: 9 8
6E68
>I6C8
: I=6I<>K: HI=: H6B : 8
=6G<>C< I>B : 6H% `dd L=>A: - =L >HG>H>C< ;GDBID  - =LL'
,# / : E: I>I>K: 6K6A6C8=: 86JH: H699>I>DC6AEDL: GADHH: HI=6I86C 7: 86A8JA6I: 9 6H)
9O6' 9K$/#
DHS[LY
- @L3- =L  3
/   * % O
- ==  3
- @L 3( =   
+ @    "
- ==  3( =   
- @LID 3
- @L3- =L3
ID  3
Rev. 2.1
page 3
2012-01-05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com