Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPP60R250CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP60R250CP
Description  CoolMOS占쏙옙 CE Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R250CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP60R250CP_12 Datasheet HTML 1Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 2Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 3Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 4Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 5Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 6Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 7Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 8Page - Infineon Technologies AG IPP60R250CP_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
9??-'@),'4?
4VVS=>A
B= # : A0<& <,9 =4=>: <
7LHZ[XLY
V)DL: HI;><JG: D;B : G>I/ HGiJX
V2 A
IG6 A
DL <6I: 8
=6G<:
V" MIG: B : 9K 9IG6I: 9
V% ><= E: 6@8
JGG: CI8
6E67>A
>IN
V. J6A
>;>: 9 for industrial grade applications 68
8
DG9>C< ID ' " !"
 
V- 7;G: : A
: 69 EA
6I>C< / D% 0 8
DB EA
>6CI; Halogen free mold compound
 : : 7! " %  # 4=/0=429 0/ 1: <
% 6G9 HL>I8
=>C< 0 * - 0 IDEDA
D<>: H
! ,B48 ?8 <,>49 2= 6I, [   YJCA:HHDI=: GL>H: HE: 8>;>: 9
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
DCI>CJDJH9G6>C 8
JGG: CI
( =
, <   Y
9
, <  Y
- JA
H: 9 9G6>C 8
JGG: CI
+#
( =%af]dV
, <   Y
 K6A
6C8
=: : C: G<N H>C<A
: EJA
H:
' 9L
( =   - == 3
,-.
^C
 K6A
6C8
=: : C: G<N G: E: I>I>K: 1 9K
+#%,#
' 9K
( =   - == 3
 K6A
6C8
=: 8
JGG: CI G: E: I>I>K: 1 9K
+#%,#
( 9K
9
* , 0 # " 1 92 (U1 GJ<<: 9C: HH
92 (U1
- =L  3
O(_d
$ 6I: HDJG8
: KDA
I6<:
- @L
deReZT
O

/   % O
- DL: G9>HH>E6I>DC
) e`e
, <   Y
P
, E: G6I>C< 6C9 HIDG6<: I: B E: G6IJG:
, [ , deX
u<
* DJCI>C< IDGFJ:
*  6C9 *   H8
G: LH

+ 8
B
v,)
*)-
   
)'.+
.'+
.)
v+)
DHS[L
*+
1
-)
- =L  1[%^Ri
/.)
O
+ =L"`_#%^Ri  1?   Y
)'+.)
"
* X%eja
+/
_<
# <: /?.>% ?8 8 ,<C
I@&MH++)
B_WL
?HJRHNL
=HXRPUN
BII/)K+.)<I
I@&MH++)
/K+.)I
Rev. 2.1
page 1
2012-01-05


Similar Part No. - IPP60R250CP_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
logo
Inchange Semiconductor ...
IPP60R250CP ISC-IPP60R250CP Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IPP60R250CP_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA60R460CE INFINEON-IPA60R460CE Datasheet
1Mb / 17P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
IPAN65R650CE INFINEON-IPAN65R650CE Datasheet
1,009Kb / 14P
650V CoolMOS CE Power Transistor
Rev.2.0,2016-04-27
IPA65R650CE INFINEON-IPA65R650CE_16 Datasheet
1Mb / 16P
650V CoolMOS??CE Power Transistor
2016-03-31
IPA65R400CE INFINEON-IPA65R400CE Datasheet
906Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-24
IPA65R1K5CE INFINEON-IPA65R1K5CE Datasheet
890Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com