Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R385CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPL60R385CP
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R385CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPL60R385CP_12 Datasheet HTML 1Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 2Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 3Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 4Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 5Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 6Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 7Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 8Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
600V CoolMOS™ CP Power Transistor
IPL60R385CP
Electrical characteristics
Final Data Sheet
5
Rev. 2.1, 2012-01-10
4
Electrical characteristics
Electrical characteristics, at
Tj=25 °C, unless otherwise specified.
Table 4
Static characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Drain-source breakdown voltage
V
(BR)DSS
600
-
-
V
V
GS=0 V, ID=0.25 mA
Gate threshold voltage
V
GS(th)
2.5
3
3.5
V
DS=VGS, ID=0.34 mA
Zero gate voltage drain current
I
DSS
--
1
µA
V
DS=600 V, VGS=0 V,
T
j=25 °C
-10
-
V
DS=600 V, VGS=0 V,
T
j=150 °C
Gate-source leakage current
I
GSS
-
-
100
nA
V
GS=20 V, VDS=0 V
Drain-source on-state resistance
R
DS(on)
-
0.35
0.385
Ω
V
GS=10 V, ID=5.2 A,
T
j=25 °C
-0.90
-
V
GS=10 V, ID=5.2 A,
T
j=150 °C
Gate resistance
R
G
-1.8
-
Ω
f=1 MHz, open drain
Table 5
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input capacitance
C
iss
-790
-
pF
V
GS=0 V, VDS=100 V,
f=1 MHz
Output capacitance
C
oss
-38
-
Effective output capacitance,
energy related
1)
1)
C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS
C
o(er)
-36
-
V
GS=0 V,
V
DS=0...480 V
Effective output capacitance, time
related
2)
2)
C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS
C
o(tr)
-96
-
I
D=constant, VGS=0 V
V
DS=0...480V
Turn-on delay time
t
d(on)
-10
-
ns
V
DD=400 V,
V
GS=13 V, ID=5.2 A,
R
G=3.3 Ω
(see table 16)
Rise time
t
r
-5
-
Turn-off delay time
t
d(off)
-40
-
Fall time
t
f
-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com