Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R385CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPL60R385CP
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R385CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPL60R385CP_12 Datasheet HTML 1Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 2Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 3Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 4Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 5Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 6Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 7Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 8Page - Infineon Technologies AG IPL60R385CP_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
bottom view
600V CoolMOS™ CP Power Transistor
IPL60R385CP
Final Data Sheet
2
Rev. 2.1, 2012-01-10
1
Description
The CoolMOS™ CP series offers devices which provide all benefits of a fast
switching SJ MOSFET while not sacrificing ease of use. Extremely low
switching and conduction losses make switching applications even more
efficient, more compact, lighter, and cooler.
ThinPAK
ThinPAK is a a new leadless SMD package for HV MOSFETs. The new
package has a very small footprint of only 64mm² (vs. 150mm² for the
D
2PAK) and a very low profile with only 1mm height (vs. 4.4mm for the
D
2PAK). The significantly smaller package size, combined with benchmark
low parasitic inductances, provides designers with a new and effective way
to decrease system solution size in power-density driven designs.
Features
•
Reduced board space consumption
•
Increased power density
•
Short commutation loop
•
Smooth switching waveform
•
easy to use products
•
Extremely low losses due to very low FOM Rdson*Qg and Eoss
•
Quallfied according to JEDEC
1) for target applications (Server, Adapter)
•
Pb-free plating, Halogen free
Applications: Server, Adapter
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
Related Links
V
DS @ Tj,max
650
V
IFX CP Product Brief
R
DS(on),max
0.385
Ω
IFX CP Portfolio
Q
g,typ
17
nC
IFX ThinPAK Webpage
I
D,pulse
27
A
IFX Design tools
E
oss @ 400V
3.2
µJ
Body diode d
i/dt
400
A/µs
Type
Package
Marking
IPL60R385CP
PG-VSON-4
6R385P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com